Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 109Page - STMicroelectronics ST20-GP6 Datasheet HTML 110Page - STMicroelectronics ST20-GP6 Datasheet HTML 111Page - STMicroelectronics ST20-GP6 Datasheet HTML 112Page - STMicroelectronics ST20-GP6 Datasheet HTML 113Page - STMicroelectronics ST20-GP6 Datasheet HTML 114Page - STMicroelectronics ST20-GP6 Datasheet HTML 115Page - STMicroelectronics ST20-GP6 Datasheet HTML 116Page - STMicroelectronics ST20-GP6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 123 page
background image
ST20-GP6
113/123
20.5 JTAG IEEE 1149.1 timings
The IEEE 1149.1 TAP will function at 5 MHz
TCK with the following timings. All other electrical
characteristics of the TAP pins are as defined in the Electrical Specifications chapter.
Figure 20.5 IEEE 1149.1 TAP timings
Symbol
Parameter
Min
Nom
Max
Units
Tsetup
Set-up time
10
ns
Thold
Hold time
10
ns
Tprop
Propagation delay
50
ns
Table 20.5 IEEE 1149.1 TAP timings
1.5V
1.5V
1.5V
1.5V
TCK
Input signal
TCK
Output signal
Tsetup
Thold
Tprop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com