Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 110Page - STMicroelectronics ST20-GP6 Datasheet HTML 111Page - STMicroelectronics ST20-GP6 Datasheet HTML 112Page - STMicroelectronics ST20-GP6 Datasheet HTML 113Page - STMicroelectronics ST20-GP6 Datasheet HTML 114Page - STMicroelectronics ST20-GP6 Datasheet HTML 115Page - STMicroelectronics ST20-GP6 Datasheet HTML 116Page - STMicroelectronics ST20-GP6 Datasheet HTML 117Page - STMicroelectronics ST20-GP6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 123 page
background image
ST20-GP6
114/123
21 Pin list
Signals names are prefixed by
not if they are active low, otherwise they are active high.
Supplies
Interrupts
Memory
Low power controller and real time clock
Pin
In/Out
Function
VDD
Power supply
GND
Ground
RTCVDD
Real time clock and battery-backed SRAM supply
Table 21.1 ST20-GP6 supply pins
Pin
In/Out
Function
Interrupt0-1
in
Interrupts
Table 21.2 ST20-GP6 interrupt pins
Pin
In/Out
Function
MemAddr1-19
out
Address bus
MemData0-15
in/out
Data bus.
Data0 is the least significant bit (LSB) and
Data15 is the most significant bit (MSB).
MemWait
in
Memory cycle extender
MemReadnotWrite
out
Indicates if current access is a read or a write
notMemOE
out
Output enable strobe
notMemCE0-3
out
Chip enable strobes – one per bank
notMemBE0-1
out
Used as byte enable, or
MemAddr0 on 8-bit bus
BusWidth
in
Selects 8 or 16-bit bus at reset
Table 21.3 ST20-GP6 memory pins
Pin
In/Out
Function
LowPowerClockIn
in
Low power input clock
LowPowerClockOsc
in/out
Low power clock oscillator
LowPowerStatus
out
Low power status
notWdReset
out
Watchdog timer reset
WdEnable
in
Watchdog timer enable
Table 21.4 ST20-GP6 low power controller and real time clock pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com