Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 108Page - STMicroelectronics ST20-GP6 Datasheet HTML 109Page - STMicroelectronics ST20-GP6 Datasheet HTML 110Page - STMicroelectronics ST20-GP6 Datasheet HTML 111Page - STMicroelectronics ST20-GP6 Datasheet HTML 112Page - STMicroelectronics ST20-GP6 Datasheet HTML 113Page - STMicroelectronics ST20-GP6 Datasheet HTML 114Page - STMicroelectronics ST20-GP6 Datasheet HTML 115Page - STMicroelectronics ST20-GP6 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 123 page
background image
ST20-GP6
112/123
20.4 ClockIn timings
Notes
1
Clock transitions must be monotonic within the range VIH to VIL (see Electrical Specifica-
tions Chapter 18 on page 102).
2
In TimesOneMode, excursions from a 50/50 mark-space ratio will map directly into EMI
phases which will then not be of equal duration.
Table 20.4
ClockIn timings
Figure 20.4
ClockIn timings
20.4.1 ClockIn frequency
Nominal
ClockIn frequency is 16.36800 Mhz
±50 ppm tolerance. This tolerance relates to the GPS
system requirements and not for the device to function.
Symbol
Parameter
Min
Nom
Max
Units
Notes
tDCLDCH
ClockIn pulse width low for PLL operation
20
40
ns
1, 2
tDCHDCL
ClockIn pulse width high for PLL operation
20
40
ns
1, 2
tDCr
ClockIn rise time for PLL operation
20
ns
1
tDCf
ClockIn fall time for PLL operation
20
ns
1
tGDVCH
GPSIF valid before clock rising edge
20
ns
tCHGDX
GPSIF valid after clock rising edge
10
ns
90%
10%
tDCr
2.0V
0.8V
1.5V
tDCLDCH
tDCHDCL
tDCf
90%
10%
tGDVCH tCHGDX
GPSIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com