Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 104Page - STMicroelectronics ST20-GP6 Datasheet HTML 105Page - STMicroelectronics ST20-GP6 Datasheet HTML 106Page - STMicroelectronics ST20-GP6 Datasheet HTML 107Page - STMicroelectronics ST20-GP6 Datasheet HTML 108Page - STMicroelectronics ST20-GP6 Datasheet HTML 109Page - STMicroelectronics ST20-GP6 Datasheet HTML 110Page - STMicroelectronics ST20-GP6 Datasheet HTML 111Page - STMicroelectronics ST20-GP6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 123 page
background image
ST20-GP6
108/123
20 Timing specifications
20.1 EMI timings
The ‘Reference Clock’ used in the EMI timings is a virtual clock and is defined as the point at which
all EMI strobe and address outputs programmed to change at the start of a memory cycle have
become valid. This is designed to remove process dependent skews from the datasheet descrip-
tion and highlight the dominant influence of address and strobe timings on memory system design.
Table 20.1 EMI cycle timings
Notes:
1
MemReadnotWrite strobe — not applicable as it does not change state mid cycle.
2
Timed relative to the end of the access cycle. There could be many clocks in the access
cycle, and the strobes may be programmed to go inactive at a previous clock cycle.
Symbol Parameter
Min
Max
Units Notes
tCHAV
Reference clock high to Address valid
-9
0
ns
tCLSV
Reference clock low to Strobe valid
-11
3
ns
1
tCHSV
Reference clock high to Strobe valid
-9
0
ns
tRDVCH
Read Data valid to Reference clock high
10
ns
2
tCHRDX
Read Data hold after Reference clock high
0
ns
2
tSVRDX
Read Data hold after Strobe valid
0
ns
tCHWDV
Reference clock high to Write Data valid
2
ns
tWVCH
MemWait valid to Reference clock high
20
ns
tCHWX
MemWait hold after Reference clock high
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com