Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 101Page - STMicroelectronics ST20-GP6 Datasheet HTML 102Page - STMicroelectronics ST20-GP6 Datasheet HTML 103Page - STMicroelectronics ST20-GP6 Datasheet HTML 104Page - STMicroelectronics ST20-GP6 Datasheet HTML 105Page - STMicroelectronics ST20-GP6 Datasheet HTML 106Page - STMicroelectronics ST20-GP6 Datasheet HTML 107Page - STMicroelectronics ST20-GP6 Datasheet HTML 108Page - STMicroelectronics ST20-GP6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 123 page
background image
ST20-GP6
105/123
Notes
1
This is the static specification to ensure low current.
2
Output load of 2mA on all pins except PIO. Output load of 4mA on PIO.
3
Excludes power used to drive external loads. Includes operation of the 32 KHz watch crys-
tal oscillator.
4
Device operation suspended by use of the low power controller with
VDD and RTCVDD
within specification. Frequency of system clock (fclk) is 16.368 MHz and frequency of low
power clock is 32768 Hz.
5
With
RTCVDD at 2.4 V and VDD at 0 V. All inputs static except LowPowerClockIn and
LowPowerClockOsc, frequency of low power clock 32768 Hz. All other inputs must be in
the range -0.1 to 0.1 V.
Analogue specifications
LowPowerClockIn and LowPowerClockOsc analogue pins are dedicated low power pins and
should only be connected as in Figure 13.1 on page 74. Due to their high impedance, they must
not be monitored or loaded by test equipment.
AC specifications
Notes
1
The maximum is only a guideline to ensure a low current consumption during the change in
VDD.
2
The transition need not be monotonic, providing that the
notRST pin is forced low during
the whole period while the main
VDD voltage is not within limits set in the DC operating
conditions.
Symbol
Parameter
Min
Typical
Max
Units
Notes
tvddr
Rise time of
VDD during power up (measured
between 0.3 V and 2.7 V).
5 ns
100 ms
1, 2
tvddf
Fall time of
VDD during power down (measured
between 2.7 V and 0.3 V).
5 ns
100 ms
1, 2
Table 18.4 AC Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com