Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 98Page - STMicroelectronics ST20-GP6 Datasheet HTML 99Page - STMicroelectronics ST20-GP6 Datasheet HTML 100Page - STMicroelectronics ST20-GP6 Datasheet HTML 101Page - STMicroelectronics ST20-GP6 Datasheet HTML 102Page - STMicroelectronics ST20-GP6 Datasheet HTML 103Page - STMicroelectronics ST20-GP6 Datasheet HTML 104Page - STMicroelectronics ST20-GP6 Datasheet HTML 105Page - STMicroelectronics ST20-GP6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 123 page
background image
ST20-GP6
102/123
18 Electrical specifications
Absolute maximum ratings
Operation beyond the absolute maximum ratings may cause permanent damage to the device.
All voltages are measured referred to
GND.
Notes
1
For a package junction to case thermal resistance of 14
°C/W.
2
For reliability reasons the long-term current from any pin may be limited to a lower value
than stated here.
Symbol
Parameter
Min
Max
Units Notes
VDD
DC power supply
-0.5
4.5
V
VDDrtc
Voltage at
RTCVDD pin referred to GND
-0.5
4.5
V
Ts
Storage temperature (ambient)
-55
125
°C
Tj
Temperature under bias (junction)
-40
125
°C1
Io
Continuous DC output current from any output pin.
-20
20
mA
2
Vi
Applied voltage to all functional pins excluding
LowPower-
ClockIn, and notRST pins.
-0.5
VDD + 0.5
V
Virtc
Applied voltage to
LowPowerClockIn and notRST pins.
-0.5
VDDrtc + 0.5
V
Vo
Voltage on bi-directional and output pins except
notMemCE.
-0.5
VDD + 0.5
V
Vortc
Voltage on the
LowPowerClockOsc pin
-0.5
VDDrtc + 0.5
V
PDmax
Power dissipation in package
2.0
W
Table 18.1 Absolute maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com