Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 100Page - STMicroelectronics ST20-GP6 Datasheet HTML 101Page - STMicroelectronics ST20-GP6 Datasheet HTML 102Page - STMicroelectronics ST20-GP6 Datasheet HTML 103Page - STMicroelectronics ST20-GP6 Datasheet HTML 104Page - STMicroelectronics ST20-GP6 Datasheet HTML 105Page - STMicroelectronics ST20-GP6 Datasheet HTML 106Page - STMicroelectronics ST20-GP6 Datasheet HTML 107Page - STMicroelectronics ST20-GP6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 123 page
background image
ST20-GP6
104/123
DC specifications
Symbol Parameter
Min
Typical Max
Units Notes
VDD
Positive supply voltage during normal operation.
3.0
3.3
3.6
V
VDDoff
Positive supply voltage when device is off but real time
clock is running.
-0.3
0
0.3
V
VDDrtc
Voltage at
RTCVDD pin referred to GND.
2.4
3.3
3.6
V
Normal
operation
VDDrtc
Voltage at
RTCVDD pin referred to GND.
1.4
3.3
3.6
V
VDDoff,
notRST
set to 1
VDDdiff
VDD-VDDrtc during normal operation and
notRST set
to 1.
-0.6
0
0.6
V
1
Vih
Input logic 1 for CMOS pinsa (except
notRST pin) and
TTL pinsb.
a. CMOS pins: LowPowerClockIn, LowPowerClockOsc, LowPowerStatus, notWdReset, WdEnable, ClockIn,
SpeedSelect0-1, notRST, TriggerOut, TriggerIn, Interrupt0-1, EnableIntROM, BusWidth, TXD0-1, RXD0-1,
PIO0[0-7] and PIO1[0-7], TDI, TMS, TCK, notTRST, TDO, GPSIF.
b. TTL pins: MemAddr1-19, MemData0-15, MemWait, MemReadnotWrite, notMemOE, notMemCE0-3,
notMemBE0-1
2.0
VDD + 0.5
V
Input logic 1 for
notRST pin.
2.4
VDD + 0.5
V
Vil
Input logic 0 for CMOS pins.
Input logic 0 for TTL pins.
-0.5
-0.5
0.8
0.8
Iin
Input current to input pins.
-10
10
µA
Ioz
Off state digital output current.
-50
50
µA
Vohdc
Output logic 1
2.4
VDD
V2
Voldc
Output logic 0
0
0.4
2
Cin
Input capacitance (input only pins).
4
10
pF
Cout
Output capacitance and capacitance of bidirectional
pins.
615
pF
Pop
Operational power consumption under heavy device
activity. fclk of 16.368 MHz and
SpeedSelect set to
PLL operation (x1). No external memory used.
100mW 1W
3
Papp
Operational power consumption under ‘typical’ device
activity. fclk of 16.368 MHz and
SpeedSelect set to
PLL operation (x2). External memory used.
150mW 1W
3
Pstby
Operational power during stand-by.
10mW
mW
4
Prtc
Operational power for the real time clock and 16K
RAM, supplied through the
RTCVDD pin.
40
µW
µW5
Table 18.3 DC specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com