Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 13Page - NXP Semiconductors FS6407 Datasheet HTML 14Page - NXP Semiconductors FS6407 Datasheet HTML 15Page - NXP Semiconductors FS6407 Datasheet HTML 16Page - NXP Semiconductors FS6407 Datasheet HTML 17Page - NXP Semiconductors FS6407 Datasheet HTML 18Page - NXP Semiconductors FS6407 Datasheet HTML 19Page - NXP Semiconductors FS6407 Datasheet HTML 20Page - NXP Semiconductors FS6407 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
NXP Semiconductors
17
FS6407/FS6408
CAN output pins (CANH, CANL) (continued)
VCANLP
CANL, CANH Output Voltage in Sleep Modes. No termination load.
-0.1
0.0
0.1
V
ICAN
CANH, CANL Input Current, Device Unsupplied, (VCANH, VCANL =5.0V)
•VSUP and VCAN connected to GND
•VSUP and VCAN connected to GND via 47k resistor
-10
-10
–
–
10
10
µA
µA
(17)
TOT
Overtemperature Detection
160
–
–
°C
THYST
Overtemperature Hysteresis
–
–
20
°C
Digital interface
MISOH
High Output Level on MISO (IMISO = 1.5 mA)
VDDIO - 0.4
–
–
V
MISOL
Low Output Level on MISO (IMISO = 2.0 mA)
–
–
0.4
V
IMISO
Tri-state Leakage Current (VDDIO = 5.0 V)
-5.0
–
5.0
µA
VDDIO
Supply Voltage for MISO Output Buffer
3.0
–
5.5
V
IVDDIO
Current consumption on VDDIO
–
1.0
3.0
mA
SPILK
SCLK, NCS, MOSI Input Current
-1.0
–
1.0
µA
VSPI_IH
SCLK, NCS, MOSI High Input Threshold
2.0
–
–
V
RSPI
NCS, MOSI Internal Pull-up (pull-up to VDDIO)
200
400
800
K
Ω
VSPI_IL
SCLK, NCS, MOSI Low Input Threshold
–
–
0.8
V
Debug
VDEBUG_IL
Low Input Voltage Threshold
2.1
2.35
2.6
V
VDEBUG_IH
High Input Voltage Threshold
4.35
4.6
4.97
V
IDEBUG_LK
Input Leakage Current
-10
–
10
µA
Notes
17.
Guaranteed by design and characterization.
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com