Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 38Page - NXP Semiconductors FS6407 Datasheet HTML 39Page - NXP Semiconductors FS6407 Datasheet HTML 40Page - NXP Semiconductors FS6407 Datasheet HTML 41Page - NXP Semiconductors FS6407 Datasheet HTML 42Page - NXP Semiconductors FS6407 Datasheet HTML 43Page - NXP Semiconductors FS6407 Datasheet HTML 44Page - NXP Semiconductors FS6407 Datasheet HTML 45Page - NXP Semiconductors FS6407 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
42
NXP Semiconductors
FS6407/FS6408
6.7.1
VPRE voltage pre-regulator
A highly flexible SMPS pre-regulator is implemented in the FS6407/FS6408. Depending on the input voltage requirement, the device can
be configured as “non-inverting buck-boost converter” (Figure 24) or “standard buck converter” (Figure 23). An external logic level
MOSFET (N-type) is required to operate in “non-inverting buck-boost converter”. The connection of the external MOSFET is detected
automatically during the start-up phase.
The converter operates in Current Control mode in any configuration. The high-side switching MOSFET is integrated to make the current
control easier. The PWM frequency is fixed at 440 kHz typical. The compensation network is fully integrated. VPRE output voltage is
regulated between 6.0 V and 7.0 V.
If the full current capability is not used for VCORE, VCCA, VAUX and CAN_5V, additional external LDO can be connected to VPRE to
fulfill application needs while the current load remains below the maximum current capability in all conditions.
Figure 23. Pre-regulator: buck configuration
Figure 24. Pre-regulator: buck boost configuration
When the converter is set up to work in boost mode at low VSUP, the transition between buck and boost mode is automatically handled
by the device at VSUP_UV_7 threshold. Transition between buck mode and boost mode is based on hysteresis (Figure 25).
• When VSUP > VSUP_UV_7, the converter works in Buck mode and the VPRE output is regulated at 6.5 V typical
• When VSUP < VSUP_UV_7, the converter works in Boost mode and the VPRE output is regulated at 6.3 V typical
L_VPRE
PGND
PGND
PGND
PGND PGND
PGND
ESR cap.
<100 m
Ω
ESR cap.
<10 m
Ω
PGND
L_Vpre
PGND
PGND
PGND
Optional
D_BB
PGND PGND
PGND
ESR cap.
<100 m
Ω
ESR cap.
<10 m
Ω
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com