Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 77Page - NXP Semiconductors FS6407 Datasheet HTML 78Page - NXP Semiconductors FS6407 Datasheet HTML 79Page - NXP Semiconductors FS6407 Datasheet HTML 80Page - NXP Semiconductors FS6407 Datasheet HTML 81Page - NXP Semiconductors FS6407 Datasheet HTML 82Page - NXP Semiconductors FS6407 Datasheet HTML 83Page - NXP Semiconductors FS6407 Datasheet HTML 84Page - NXP Semiconductors FS6407 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 111 page
background image
NXP Semiconductors
81
FS6407/FS6408
7.3.18 Mode
Table 50. Diag SPI. Description and configuration of the bits (default value in blue)
SPI_err
Description
Secured SPI communication check
0
No error
1
Error detected in the secured bits
Reset condition
Power On Reset / Read
SPI_CLK
Description
SCLK error detection
0
16 clock cycles during NCS low
1
Wrong number of clock cycles (<16 or > 16)
Reset condition
Power On Reset / Read
SPI_req
Description
Invalid SPI access (Wrong Write or Read, Write to INIT registers in normal mode, wrong address)
0
No error
1
SPI violation
Reset condition
Power On Reset / Read
SPI_parity
Description
SPI parity bit error detection
0
Parity bit OK
1
Parity bit error
Reset condition
Power On Reset / Read
Table 51. MODE register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
1
010
10
1
P
00
Goto_L
POFF
INT_re
quest
Secure
_3
Secure
_2
Secure
_1
Secure
_0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
Reserv
ed
Reserv
ed
Reserv
ed
Reserv
ed
INIT
Normal
Reserv
ed
Reserv
ed
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
010
10
10
000
00
00
0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
Reserv
ed
Reserv
ed
Reserv
ed
Reserv
ed
INIT
Normal
Reserv
ed
Reserv
ed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com