Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 28Page - NXP Semiconductors FS6407 Datasheet HTML 29Page - NXP Semiconductors FS6407 Datasheet HTML 30Page - NXP Semiconductors FS6407 Datasheet HTML 31Page - NXP Semiconductors FS6407 Datasheet HTML 32Page - NXP Semiconductors FS6407 Datasheet HTML 33Page - NXP Semiconductors FS6407 Datasheet HTML 34Page - NXP Semiconductors FS6407 Datasheet HTML 35Page - NXP Semiconductors FS6407 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
32
NXP Semiconductors
FS6407/FS6408
6.4
Functional state diagram
Figure 10. Simplified state diagram
CAN/IOs event
LPOFF -
VPRE_UV
LPOFF -
DEEP FS
From
Anywhere
VSUP < VSUP_UV_L
Buck or
Buck Boost
configuration
detection
PowerDown
VSUP > VSUP_UV_5
120µs elapsed
VPRE
ON
VPRE>VPRE_UV
SELECT pin
config.
detection
VPRE<VPRE_UV
1ms elapsed
Vcore/Vaux/
Vcca ON
INIT MAIN
INIT done
(init int reg. writing)
NORMAL
MODE
LPOFF -
SLEEP
Wake up
SPI command
From
Anywhere
PowerDown
LBIST
LBIST Done &
VPRE>VPRE_UV
SELECT pin
config.
detection
1ms elapsed &
VCORE > VCORE_UV &
VCCA > VCCA_UV &
VAUX > VAUX_UV
ABIST
VPRE<VPRE_UV
Release
RSTb
INIT FS
NORMAL
WD is
RUNNING
RST Delay
ABIST Pass
No external RST &
No activate RST
WD OK
External
RST
Activate RST or
WD Not OK
Activate RST
Activate
RST
External
RST
External
RST
No activate RST &
RST delay expired
Rise IO_0
- RSTb is asserted low
- RSTb is asserted low
- RSTb is asserted low
- RSTb is released
- Unlock SPI init registers
- Start 256ms open window
- RSTb is released
- Start WD close/open window
- Unlock SPI init registers
- SPI config
- SPI init registers locked
MAIN STATE MACHINE
FAIL SAFE STATE MACHINE
Activate RST : any UV, any OV, WD,
IO_23 error, deep fail safe, reset by spi,
IO_1 FB_core delta, FS0b short to VDD,
SPI DED
- VCAN/VCORE OFF
- VAUX/VCCA OFF
- OSC Main ON
- FailSafe ON
- VCAN/VCORE/VAUX/VCCA OFF
- Fail Safe OFF
- RSTb delay running
- RSTb is asserted low
POR Fail Safe
No POR Fail Safe
VPRE_UV_L4P3
VPRE_UV_L4P3
Wait
Fail
SAFE
POR Fail Safe &
Fail Safe Reg. ON
& VSUP > VSUP_UV_5
VSUP <VSUP_UV_5
VSUP < VSUP_UV_5
POR Fail Safe &
Fail Safe Reg. ON
1ms
Wait
Deep Fail
Safe
RST delay=8s or
RST error counter = 6
No IO_0
Vpre OFF
Vpre ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com