Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 7Page - NXP Semiconductors FS6407 Datasheet HTML 8Page - NXP Semiconductors FS6407 Datasheet HTML 9Page - NXP Semiconductors FS6407 Datasheet HTML 10Page - NXP Semiconductors FS6407 Datasheet HTML 11Page - NXP Semiconductors FS6407 Datasheet HTML 12Page - NXP Semiconductors FS6407 Datasheet HTML 13Page - NXP Semiconductors FS6407 Datasheet HTML 14Page - NXP Semiconductors FS6407 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
NXP Semiconductors
11
FS6407/FS6408
VPRE voltage pre-regulator (continued)
VPRE_UV_HYST
VPRE Undervoltage Hysteresis
0.05
–
0.15
V
(9)
VPRE_UV_4P3
VPRE Shut-off Threshold (Falling - buck and buck/boost)
4.2
–
4.5
V
VPRE_UV_4P3_
HYST
VPRE Shut-off Hysteresis
0.05
–
0.15
V
(9)
RDSON_PRE
VPRE Pass Transistor On Resistance
–
–
200
m
Ω
LIR_VPRE
VPRE Line Regulation
–
20
–
mV
(9)
LORVPRE_BUCK
VPRE Load Regulation for COUT = 57 µF
•IPRE from 50 mA to 2.0 A - Buck mode
–100
–
mV
(9)
LORVPRE_BOOST
VPRE Load Regulation for COUT = 57 µF
•IPRE from 50 mA to 2.0 A - Boost mode
–500
–
mV
(9)
VPRE_LL_H
VPRE_LL_L
VPRE Pulse Skipping Thresholds
–
–
200
180
–
–
mV
TWARN_PRE
VPRE Thermal Warning Threshold
–
105
–
°C
TSD_PRE
VPRE Thermal Shutdown Threshold
160
–
–
°C
TSD_PRE_HYST
VPRE Thermal Shutdown Hysteresis
–
10
–
°C
(9)
VG_LS_OH
LS Gate Driver High Output Voltage (IOUT = 50 mA)
VPRE-1
–
VPRE
V
VG_LS_OL
LS Gate driver Low Level (IOUT = 50 mA)
–
–
0.5
V
Vcore voltage regulator
VCORE_FB
VCORE Feedback Input Voltage
0.784
0.8
0.816
V
ICORE
VCORE Output Current Capability in Normal Mode
• FS6407N
• FS6408N
–
–
–
–
0.8
1.5
A
ICORE_LIM
VCORE Output Current Limitation
• FS6407N
• FS6408N
1
1.8
–
–
2
3.5
A
RDSON_CORE
VCORE Pass Transistor On Resistance
–
–
200
m
Ω
LORVCORE_1.2
VCORE Transient Load regulation - 1.2 V range
-60
–
60
mV
(9), (10)
LORVCORE_3.3
VCORE Transient Load regulation - 3.3 V range
-100
–
100
mV
(9), (10)
VCORE_LL_H
VCORE_LL_L
VCORE Pulse Skipping Thresholds
–
–
180
160
–
–
mV
TWARN_CORE
VCORE Thermal Warning Threshold
–
105
–
°C
TSD_CORE
VCORE Thermal Shutdown Threshold
160
–
–
°C
TSD_CORE_HYST VCORE Thermal Shutdown Hysteresis
–
10
–
°C
(9)
Notes
9.
Guaranteed by design
10.
COUT = 40 µF, ICORE = 10 mA to 1.5 A, dICORE/dt ≤ 2.0 A/µs
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com