Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 8Page - NXP Semiconductors FS6407 Datasheet HTML 9Page - NXP Semiconductors FS6407 Datasheet HTML 10Page - NXP Semiconductors FS6407 Datasheet HTML 11Page - NXP Semiconductors FS6407 Datasheet HTML 12Page - NXP Semiconductors FS6407 Datasheet HTML 13Page - NXP Semiconductors FS6407 Datasheet HTML 14Page - NXP Semiconductors FS6407 Datasheet HTML 15Page - NXP Semiconductors FS6407 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
12
NXP Semiconductors
FS6407/FS6408
VCCA voltage regulator
VCCA
VCCA Output Voltage
•5.0 V config. with Internal ballast at 100 mA
•5.0 V config with external ballast at 200 mA
•5.0 V config with external ballast at 300 mA
•3.3 V config with Internal ballast at 100 mA
•3.3 V config with external ballast at 200 mA
•3.3 V config with external ballast at 300 mA
4.95
4.9
4.85
3.2505
3.234
3.201
5.0
5.0
5.0
3.3
3.3
3.3
5.05
5.1
5.15
3.3495
3.366
3.399
V
(11)
ICCA_IN
VCCA Output Current (int. MOSFET)
100
mA
ICCA_OUT
VCCA Output Current (external PNP)
300
mA
ICCA_LIM_INT
VCCA Output Current Limitation (int. MOSFET)
100
675
mA
ICCA_LIM_OUT
VCCA Output Current Limitation (external PNP)
300
675
mA
ICCA_LIM_FB
VCCA Output Current Limitation Foldback
80
200
mA
VCCA_LIM_FB
VCCA Output Voltage Foldback Threshold
0.5
1.1
V
VCCA_LIM_HYST
VCCA Output Voltage Foldback Hysteresis
0.03
0.3
V
ICCA_BASE_SC
ICCA_BASE_SK
VCCA Base Current Capability
20
30
mA
TWARN_CCA
VCCA Thermal Warning Threshold (int. MOSFET only)
105
°C
TSDCCA
VCCA Thermal Shutdown Threshold (int. MOSFET only)
160
°C
TSDCCA_HYST
VCCA Thermal Shutdown Hysteresis
10
°C
(12)
LORTVCCA
VCCA Transient Load Regulation
•ICCA = 10 mA to 100 mA (internal MOSFET)
•ICCA = 10 mA to 300 mA (external ballast)
––
1.0
%
(12)
Notes
11.
External PNP gain within 150 to 450
12.
Guaranteed by design.
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com