Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 88Page - NXP Semiconductors FS6407 Datasheet HTML 89Page - NXP Semiconductors FS6407 Datasheet HTML 90Page - NXP Semiconductors FS6407 Datasheet HTML 91Page - NXP Semiconductors FS6407 Datasheet HTML 92Page - NXP Semiconductors FS6407 Datasheet HTML 93Page - NXP Semiconductors FS6407 Datasheet HTML 94Page - NXP Semiconductors FS6407 Datasheet HTML 95Page - NXP Semiconductors FS6407 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
92
NXP Semiconductors
FS6407/FS6408
7.3.27 Init FSSM2
Table 69. INIT FSSM2 register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
11
00
1
0
1
P
RSTb_
err_FS
IO_23_
FS
PS
0
Secure
_3
Secure
_2
Secure
_1
Secure
_0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
RSTb_
err_FS
IO_23_
FS
PS
0
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
1
0
010
10
00
000
00
0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
RSTb_
err_FS
IO_23_
FS
PS
0
Table 70. INIT FSSM2. Description and configuration of the bits (default value in bold)
IO_23_FS
Description
Configure the couple of IO_3:2 as safety inputs for FCCU monitoring
0
NOT SAFETY
1
SAFETY CRITICAL
Reset condition
Power On Reset
RSTb_err_FS
Description
Configure the values of the RSTb error counter
0
intermediate = 3; final = 6
1
intermediate = 1; final = 2
Reset condition
Power On Reset
PS
Description
Configure the FCCU polarity
0
Fccu_eaout_1:0 active HIGH
1
Fccu_eaout_1:0 active LOW
Reset condition
Power On Reset
Secure3:0
Description
Secured bits based on write bits
Secured_3 = NOT(bit5)
Secured_2 = NOT(bit4)
Secured_1 = bit7
Secured_0 = bit6
SPI_FS_err
Description
Secured SPI communication check, concerns fail-safe logic only
0No error
1
Error detected in the secured bits
Reset condition
Power On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com