Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 80Page - NXP Semiconductors FS6407 Datasheet HTML 81Page - NXP Semiconductors FS6407 Datasheet HTML 82Page - NXP Semiconductors FS6407 Datasheet HTML 83Page - NXP Semiconductors FS6407 Datasheet HTML 84Page - NXP Semiconductors FS6407 Datasheet HTML 85Page - NXP Semiconductors FS6407 Datasheet HTML 86Page - NXP Semiconductors FS6407 Datasheet HTML 87Page - NXP Semiconductors FS6407 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 111 page
background image
84
NXP Semiconductors
FS6407/FS6408
7.3.21 CAN mode
Table 56. IO_OUT-AMUX. Description and configuration of the bits (default value in bold)
IO_out_4_EN
Description
Enable the output gate driver capability for IO_4
0
High-impedance (IO_4 configured as input)
1
ENABLED (IO_4 configured as output gate driver)
Reset condition
Power On Reset
IO_out_4
Description
Configure IO_4 output gate driver state
0LOW
1HIGH
Reset condition
Power On Reset
IO_out_5_EN
Description
Enable the output gate driver capability for IO_5
0
High-impedance (IO_5 configured as input)
1
ENABLED (IO_5 configured as output gate driver)
Reset condition
Power On Reset
IO_out_5
Description
Configure IO_5 output gate driver state
0LOW
1HIGH
Reset condition
Power On Reset
AMUX_2:0
Description
Select AMUX output
000
Vref
111
Die Temperature Sensor
Reset condition
Power On Reset
Table 57. CAN MODE register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
10
1
1
0
00
P
CAN_
mode_
1
CAN_
mode_
0
CAN_a
uto_dis
00
00
0
MISO
SPI_G
WU
CAN_
G
Reserved IO_G
Vpre_
G
Vcore_
G
Vother
s_G
CAN_
mode_
1
CAN_
mode_
0
CAN_a
uto_dis
Reserv
ed
Reserv
ed
Reserv
ed
CAN_w
u
Reserv
ed
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
00
1
1
0
00
00
00
00
00
0
MISO
SPI_G
WU
CAN_
G
Reserved IO_G
Vpre_
G
Vcore_
G
Vother
s_G
CAN_
mode_
1
CAN_
mode_
0
CAN_a
uto_dis
Reserv
ed
Reserv
ed
Reserv
ed
CAN_w
u
Reserv
ed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com