Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 83Page - NXP Semiconductors FS6407 Datasheet HTML 84Page - NXP Semiconductors FS6407 Datasheet HTML 85Page - NXP Semiconductors FS6407 Datasheet HTML 86Page - NXP Semiconductors FS6407 Datasheet HTML 87Page - NXP Semiconductors FS6407 Datasheet HTML 88Page - NXP Semiconductors FS6407 Datasheet HTML 89Page - NXP Semiconductors FS6407 Datasheet HTML 90Page - NXP Semiconductors FS6407 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 111 page
background image
NXP Semiconductors
87
FS6407/FS6408
7.3.24 INIT SUPERVISOR2
Secure3:0
Description
Secured bits based on write bits
Secured_3 = NOT(bit5)
Secured_2 = NOT(bit4)
Secured_1 = bit7
Secured_0 = bit6
SPI_FS_err
Description
Secured SPI communication check, concerns Fail-safe logic only
0
No error
1
Error detected in the secured bits
Reset condition
Power On Reset
SPI_FS_CLK
Description
SCLK error detection, concerns internal error in fail-safe logic only and external errors (at pin level) for both
main and fail-safe logics. Other errors flagged by the SPI_CLK_ bit
0
16 clock cycles during NCS low
1
Wrong number of clock cycles (<16 or >16)
Reset condition
Power On Reset
SPI_FS_Req
Description
Invalid SPI access (Wrong Write or Read, Write to INIT registers in Normal mode, wrong address), concerns
fail-safe logic only.
0
No error
1
SPI violation
Reset condition
Power On Reset
SPI_FS_Parity
Description
SPI parity bit error detection, concerns fail-safe logic only
0
Parity bit OK
1
Parity bit ERROR
Reset condition
Power On Reset
Table 63. INIT SUPERVISOR2 register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
1100010
P
Vaux_F
S1
Vaux_F
S_0
0
DIS_8s
Secure
_3
Secure
_2
Secure
_1
Secure
_0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
0
DIS_8s
Vaux_F
S1
Vaux_F
S_0
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
01000100000
00000
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
0
DIS_8s
Vaux_F
S1
Vaux_F
S_0
Table 62. INIT SUPERVISOR1. Description and configuration of the bits (default value in bold) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com