Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 69Page - NXP Semiconductors FS6407 Datasheet HTML 70Page - NXP Semiconductors FS6407 Datasheet HTML 71Page - NXP Semiconductors FS6407 Datasheet HTML 72Page - NXP Semiconductors FS6407 Datasheet HTML 73Page - NXP Semiconductors FS6407 Datasheet HTML 74Page - NXP Semiconductors FS6407 Datasheet HTML 75Page - NXP Semiconductors FS6407 Datasheet HTML 76Page - NXP Semiconductors FS6407 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
NXP Semiconductors
73
FS6407/FS6408
7.3.9
IO input
Table 32. WU source. Description and configuration of the bits (default value in bold)
IO_5_WU
Description
Report a wake-up event from IO_5
0
No Wake-up
1
WU event detected
Reset condition
Power On Reset / Read
IO_4_WU
Description
Report a wake-up event from IO_4
0
No Wake-up
1
WU event detected
Reset condition
Power On Reset / Read
IO_3_WU
Description
Report a wake-up event from IO_3
0
No Wake-up
1
WU event detected
Reset condition
Power On Reset / Read
IO_2_WU
Description
Report a wake-up event from IO_2
0
No Wake-up
1
WU event detected
Reset condition
Power On Reset / Read
IO_1_WU
Description
Report a wake-up event from IO_1
0
No Wake-up
1
WU event detected
Reset condition
Power On Reset / Read
IO_0_WU
Description
Report a wake-up event from IO_0
0
No Wake-up
1
WU event detected
Reset condition
Power On Reset / Read
Phy_WU
Description
Report a wake-up event from CAN
0
No Wake-up
1
WU event detected
Reset condition
Power On Reset / Read CAN_wu
Table 33. IO input register description
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
000
1
0
1
1000
0000
00
MISO
SPI_G
WU
CAN_
G
Reserved IO_G
Vpre_
G
Vcore_
G
Vother
s_G
IO_5
IO_4
0
IO_3
IO_2
0
IO_1
IO_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com