Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 81Page - NXP Semiconductors FS6407 Datasheet HTML 82Page - NXP Semiconductors FS6407 Datasheet HTML 83Page - NXP Semiconductors FS6407 Datasheet HTML 84Page - NXP Semiconductors FS6407 Datasheet HTML 85Page - NXP Semiconductors FS6407 Datasheet HTML 86Page - NXP Semiconductors FS6407 Datasheet HTML 87Page - NXP Semiconductors FS6407 Datasheet HTML 88Page - NXP Semiconductors FS6407 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
NXP Semiconductors
85
FS6407/FS6408
7.3.22 Can_Mode_2
Table 58. CAN MODE. Description and configuration of the bits (default value in bold)
CAN_mode_1:0
Description
Configure the CAN mode
00
Sleep / NO wake-up capability
01
LISTEN ONLY
10
Sleep / Wake-up capability
11
Normal operation mode
Reset condition
Power On Reset
CAN_auto_dis
Description
Automatic CAN Tx disable
0
NO auto disable
1
Reset CAN_mode from “11” to “01” on CAN over temp or TXD dominant or RXD recessive event
Reset condition
Power On Reset
CAN_wu
Description
Report a wake-up event from the CAN
0
No wake-up
1
Wake-up detected
Reset condition
Power On Reset / Read
Notes
22.
CAN mode is automatically configured to “sleep + wake-up capability[10]” if CAN mode was different than “sleep + no wake-up capability [00]”
before the device enters in LPOFF. After LPOFF, the initial CAN mode prior to enter LPOFF is restored.
Table 59. CAN_MODE_2 register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
1011001
P
000
Vcan_
OV_Mo
n
secure
_3
secure
_2
secure
_1
secure
_0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
000
0
Vcan_
OV_Mo
n
Reserv
ed
Reserv
ed
Reserv
ed
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
00110010000
00000
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
000
0
Vcan_
OV_Mo
n
Reserv
ed
Reserv
ed
Reserv
ed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com