Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 35Page - NXP Semiconductors FS6407 Datasheet HTML 36Page - NXP Semiconductors FS6407 Datasheet HTML 37Page - NXP Semiconductors FS6407 Datasheet HTML 38Page - NXP Semiconductors FS6407 Datasheet HTML 39Page - NXP Semiconductors FS6407 Datasheet HTML 40Page - NXP Semiconductors FS6407 Datasheet HTML 41Page - NXP Semiconductors FS6407 Datasheet HTML 42Page - NXP Semiconductors FS6407 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
NXP Semiconductors
39
FS6407/FS6408
6.5.3.1
RST error counter at start-up or resuming from LPOFF mode
At start-up or when resuming from LPOFF mode the reset error counter starts at level 1 and FS0B is asserted low. To remove the
activation of FS0B, the RST error counter must go back to value “0” (seven consecutive good watchdog refresh decreases the reset error
counter down to 0) and a right command is sent to FS_OUT register (Figure 20).
Figure 18. Example of WD operation generating a reset (WD_error_cnt = 6)
Figure 19. Example of WD operation leading a decrement of the reset error counter (WD_resfresh_cnt = 6)
WD window
OK
NOK
NOK
OK
0
2
WD error
counter
4
3
NOK
5
OK
4
6
NOK
Reset error
counter
1
RSTB
0
10
WD Refresh
counter
00
1
1
0
RSTb
delay time
1st WD refresh OK after
INIT phase. Start of the
WD window
New fully OPEN window of
256 ms
6
2
0
OK
OK
OK
OK
OK
OK
OK
0
OK
1
2
3
4
5
6
0
1
1
WD window
WD error
counter
Reset error
counter
RSTb
WD Refresh
counter
RSTb
delay time
1
NOK
New fully OPEN window of
256 ms
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com