Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 75Page - NXP Semiconductors FS6407 Datasheet HTML 76Page - NXP Semiconductors FS6407 Datasheet HTML 77Page - NXP Semiconductors FS6407 Datasheet HTML 78Page - NXP Semiconductors FS6407 Datasheet HTML 79Page - NXP Semiconductors FS6407 Datasheet HTML 80Page - NXP Semiconductors FS6407 Datasheet HTML 81Page - NXP Semiconductors FS6407 Datasheet HTML 82Page - NXP Semiconductors FS6407 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
NXP Semiconductors
79
FS6407/FS6408
7.3.15 Diag CAN1
VCCA_OV
Description
VCCA overvoltage detection
0
No overvoltage (VCCA < VCCA_OV)
1
Overvoltage detected (VCCA > VCCA_OV)
Reset condition
Power On Reset / Read
VCCA_UV
Description
VCCA undervoltage detection
0
No undervoltage (VCCA > VCCA_UV)
1
Undervoltage detected (VCCA < VCCA_UV)
Reset condition
Power On Reset
Table 45. DIAG CAN1 register description
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
00
1
0
001
000
00
000
0
MISO
SPI_G
WU
CAN_
G
Reserve
d
IO_G
Vpre_
G
Vcore_
G
Vother
s_G
CANH_
batt
CANH_
gnd
CANL_
batt
CANL_
gnd
CAN_d
ominan
t
0
RXD_r
ecessiv
e
TXD_d
ominan
t
Table 46. Diag CAN1. Description and configuration of the bits (default value in bold)
CANH_batt
Description
CANH short-circuit to battery detection
0
No failure
1
Failure detected
Reset condition
Power On Reset / Read
CANH_gnd
Description
CANH short-circuit to GND detection
0
No failure
1
Failure detected
Reset condition
Power On Reset / Read
CANL_batt
Description
CANL short-circuit to battery detection
0
No failure
1
Failure detected
Reset condition
Power On Reset / Read
CANL_gnd
Description
CANL short-circuit to GND detection
0
No failure
1
Failure detected
Reset condition
Power On Reset / Read
CAN_dominant
Description
CAN Bus dominant clamping detection
0
No failure
1
Failure detected
Reset condition
Power On Reset / Read
Table 44. Diag VREG3. Description and configuration of the bits (default value in bold) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com