Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 57Page - NXP Semiconductors FS6407 Datasheet HTML 58Page - NXP Semiconductors FS6407 Datasheet HTML 59Page - NXP Semiconductors FS6407 Datasheet HTML 60Page - NXP Semiconductors FS6407 Datasheet HTML 61Page - NXP Semiconductors FS6407 Datasheet HTML 62Page - NXP Semiconductors FS6407 Datasheet HTML 63Page - NXP Semiconductors FS6407 Datasheet HTML 64Page - NXP Semiconductors FS6407 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 111 page
background image
NXP Semiconductors
61
FS6407/FS6408
7
Serial peripheral interface
7.1
High level overview
7.1.1
SPI
The device is using a 16-bit SPI, with the following arrangement:
MOSI, Master Out Slave In bits:
• Bit 15 read/write
• Bit 14 Main or fail-safe register target
• bit 13 to 9 (A4 to A0) to select the register address. Bit 8 is a parity bit in write mode, Next bit (=0) in read mode.
• bit7 to 0 (D7 to D0): control bits
MISO, Master IN Slave Out bits:
• bits 15 to 8 (S15 to S8) are device status bits
• bits 7 to 0(Do7 to Do0) are either extended device status bits, device internal control register content or device flags.
Figure 47 is an overview of the SPI implementation.
7.1.2
Parity bit 8 calculation
The parity is used for write to register command (bit 15,14 = 01). It is calculated based on the number of logic ones contained in bits
15-9, 7-0 sequence (this is the whole 16-bits of the write command except bit 8).
Bit 8 must be set to 0 if the number of 1 is odd.
Bit 8 must be set to 1 if the number of 1 is even.
7.1.3
Device status on MISO
When a write operation is performed to store data or control bit into the device, MISO pin reports a 16-bit fixed device status composed
of two bytes: Device Fixed Status (bits 15 to 8) + extended Device Status (bits 7 to 0). In a read operation, MISO reports the fixed device
status (bits 15 to 8), and the next eight bits are content of the selected register. A standard serial peripheral interface (SPI) is integrated
to allow bi-directional communication between the FS6407/FS6408 and the MCU. The SPI is used for configuration and diagnostic
purposes.
Figure 47. SPI overview
Bit 15
Bit 13
Bit 11
Bit 12
Bit 10
Bit 14
Bit 9 Bit 8
R/W
A4
A2
M/FS
Bit 7
Bit 5
Bit 3
Bit 4
Bit 2
Bit 6
Bit 1 Bit 0
D7
D5
D3
D4
D2
D6
D1
D0
A3
register address
Parity
A0
A1
P
data
MOSI
S15
S13
S11
S14
Do7
Do5
Do3
Do4
Do2
Do6
Do1
Do0
S12
S9
S10
S8
MISO
Device Status
Extended Device Status, Register Control bits or Device Flags
CSb
SCLK
MOSI
MISO Tri state
Tri state
SPI wave form, and signals polarity
S15
S14
Do0
C1
C0
D0
SCLK signal is low outside of CSB active
CSb active low. Must be raised at end of 16 clocks,
MOSI and MISO data changed at SCLK rising edge
and sampled at falling edge. Msb first.
MISO tri state outside of CSB active
Don’t care
Don’t care
for write commands, MOSI bits [15] = [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com