Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 29Page - NXP Semiconductors FS6407 Datasheet HTML 30Page - NXP Semiconductors FS6407 Datasheet HTML 31Page - NXP Semiconductors FS6407 Datasheet HTML 32Page - NXP Semiconductors FS6407 Datasheet HTML 33Page - NXP Semiconductors FS6407 Datasheet HTML 34Page - NXP Semiconductors FS6407 Datasheet HTML 35Page - NXP Semiconductors FS6407 Datasheet HTML 36Page - NXP Semiconductors FS6407 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
NXP Semiconductors
33
FS6407/FS6408
6.5
Fail-safe machine
To fulfill safety critical applications, the FS6407/FS6408 integrates a dedicated fail-safe machine (FSM). The FSM is composed of three
main sub-blocks: the voltage supervisor (VS), the Fail-safe state machine (FSSM), and the fail-safe output driver (FSO).The FSM is
electrically independent from the rest of the circuitry, to avoid common cause failure.
For this reason, the FSM has its own voltage regulators (analog and digital), dedicated bandgap, and its own oscillator. Three power
supply pins (VSUP 1, 2, & 3) are used to overtake a pin lift issue. The internal voltage regulators are directly connected on VSUP (one
bonding wire per pin is used). Additionally, the ground connection is redundant as well to avoid any loss of ground.
All the voltages generated in the device are monitored by the voltage supervisor (under & overvoltage) owing to a dedicated internal
voltage reference (different from the one used for the voltage regulators). The result is reported to the MCU through the SPI and delivered
to the Fail-safe state machine (FSSM) for action, in case of a fault. All the safety relevant signals feed the FSSM, which handles the error
handling and controls the fail-safe outputs.
There are two fail-safe outputs: RSTB (asserted low to reset the MCU), and FS0B (asserted low to control any fail-safe circuitry). The Fail-
safe machine is in charge of bringing and maintaining the application in a Fail-safe state. Four sub Fail-safe states are implemented to
handle the different kinds of failures, and to give a chance for the system to come back to a normal state.
6.5.1
Fail-safe machine state diagram
Figure 11. Detailed fail-safe state diagram
From
Anywhere
PowerDown
LBIST
LBIST Done &
VPRE>VPRE_UV
SELECT pin
config.
detection
1ms elapsed &
VCORE > VCORE_UV &
VCCA > VCCA_UV &
VAUX > VAUX_UV
ABIST
VPRE<VPRE_UV
Release
RSTb
INIT FS
NORMAL
WD is
RUNNING
Assert RSTb
ABIST Pass
No external RST &
No activate RST
WD OK
External
RST
Activate RST or
WD Not OK
Activate RST
Activate
RST
External
RST
External
RST
No activate RST &
RST delay expired
- RSTb is asserted low
- RSTb is asserted low
- RSTb is asserted low
- RSTb is released
- Unlock SPI init registers
- Start 256ms open window
- RSTb is released
- Start WD close/open window
- RSTb delay running
- RSTb is asserted low
POR Fail-safe
No POR Fail-safe
Release
FSOb
RST_err_count = 0
& FS_OUT ok
FS0B Low
2 > RST_error_count < 6
FS0b low & No
activate RST &
RST delay expired
- FS0b is asserted low
-FS0b is
released
Deep Fail
Safe
RST delay=8s OR
Rst_error_count=6
IO_0
- VCAN/VCORE OFF
- VAUX/VCCA OFF
- Fail Safe OFF
- FS0b = Low
- RSTb = Low
No FS0b
RST delay=8s
Ext. IC error (IO0:1
and/or IO4:5)
Ext. IC error (IO0:1
and/or IO4:5)
RSTb delay = 8s
External RSTb =
8s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com