Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 52Page - NXP Semiconductors FS6407 Datasheet HTML 53Page - NXP Semiconductors FS6407 Datasheet HTML 54Page - NXP Semiconductors FS6407 Datasheet HTML 55Page - NXP Semiconductors FS6407 Datasheet HTML 56Page - NXP Semiconductors FS6407 Datasheet HTML 57Page - NXP Semiconductors FS6407 Datasheet HTML 58Page - NXP Semiconductors FS6407 Datasheet HTML 59Page - NXP Semiconductors FS6407 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 111 page
background image
56
NXP Semiconductors
FS6407/FS6408
6.8
CAN transceiver
The high speed CAN (Controller Area Network) transceiver provides the physical interface between the CAN protocol controller of an MCU
and the physical dual wires CAN bus. It offers excellent EMC and ESD performance and meets the ISO 11898-2 and ISO11898-5
standards.
Figure 40. CAN simplified block diagram
6.8.1
Operating modes
6.8.1.1
Normal mode
When CAN mode bits configuration is “11” (CAN in normal operation), the device is able to transmit information from TXD to the bus and
report the bus level to the RXD pin. When TXD is high, CANH and CANL drivers are off and the bus is in the recessive state (unless it is
in an application where another device drives the bus to the dominant state). When TXD is low, CANH and CANL drivers are ON and the
bus is in the dominant state. When CAN mode bits configuration is “01” (CAN in listen only), the device is only able to report the bus level
to the RXD pin. TXD driver is OFF and the device is NOT able to transmit information from TXD to the bus. TXD is maintained high by
internal pull-up resistor TXDPULL-UP connected to VDDIO.
CAN_5V
Rin
Rin
2.5V
Mode
Control
Differential
Receiver
Wake-up
Receiver
Pre
Driver
TXD
CAN H
CAN L
VDDIO
RXD
Over
Dominant
Temperature
Bus Biasing
and
CAN_5V Monitor
CAN_5V
VDDIO
Pre
Driver
Buffer
Input
VDDIO
time out
VSUP3
Main
WU report
to main loic
to main loic
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com