Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 54Page - NXP Semiconductors FS6407 Datasheet HTML 55Page - NXP Semiconductors FS6407 Datasheet HTML 56Page - NXP Semiconductors FS6407 Datasheet HTML 57Page - NXP Semiconductors FS6407 Datasheet HTML 58Page - NXP Semiconductors FS6407 Datasheet HTML 59Page - NXP Semiconductors FS6407 Datasheet HTML 60Page - NXP Semiconductors FS6407 Datasheet HTML 61Page - NXP Semiconductors FS6407 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 111 page
background image
58
NXP Semiconductors
FS6407/FS6408
Figure 43. TXD dominant timeout detection
6.8.2.2
RXD permanent recessive
If RXD is detected high for seven consecutive receive/dominant cycles, the CAN drivers and receiver are disabled, and the CAN bus
returns to recessive state. This prevent a CAN protocol controller to start CAN message on TXD pin, while RXD is shorted to a recessive
level, and seen from a CAN controller as a bus idle state.
The CAN_mode MSB bit is set to 0 and the flag RXD_recessive is reported in the Diag CAN1 register. The device recovers from this error
detection after setting the CAN_mode to Normal operation. The RXD failure detection is operating when the CAN transceiver is in Normal
mode and Listen Only mode.
6.8.2.3
CAN bus short-circuits
CANL short to GND and CANL short to battery are detected and reported to the device main logic. The CAN driver and receiver are not
be disabled. CANH short to GND and CANH short to battery are detected and reported to the device main logic. The CAN driver and
receiver are not be disabled. The CANH and CANL failure detection is operating when the CAN transceiver is in Normal mode.
If the CAN bus is dominant for a time longer than tDOM, due for instance to an external short-circuit from another CAN node, the flag
CAN_dominant is reported in the Diag CAN1 register. This failure does not disable the bus driver. The CAN bus dominant failure detection
is operating when the CAN transceiver is in Normal mode and Listen Only mode.
6.8.2.4
CAN current limitation
The current flowing in and out of the CANH and CANL driver is limited to 100 mA, in case of a short-circuit (parameters ICANL-SK and
ICANH-SC).
6.8.2.5
CAN overtemperature
If the driver temperature exceeds the TSD (TOT), the CAN drivers are disabled, and the CAN bus returns to recessive state. The CAN
receiver continues to operate. The CAN_mode MSB bit is set to 0 and the flag CAN_OT is reported in the Diag CAN register.
An hysteresis is implemented in this protection feature. The device overtemperature and recovery conditions are shown in Figure 44. The
CAN drivers remain disabled until the temperature has fallen below the OT threshold minus hysteresis. The device recovers from this error
detection after setting the CAN_mode to Normal operation and when a high level is detected on TXD.
TXD
high
dominant
recessive
BUS
TDOUT
dominant
dominant
low
RXD
high
low
TXD dom time out expired
recovery condition: TXD high
TDOUT
TDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com