Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 15Page - NXP Semiconductors FS6407 Datasheet HTML 16Page - NXP Semiconductors FS6407 Datasheet HTML 17Page - NXP Semiconductors FS6407 Datasheet HTML 18Page - NXP Semiconductors FS6407 Datasheet HTML 19Page - NXP Semiconductors FS6407 Datasheet HTML 20Page - NXP Semiconductors FS6407 Datasheet HTML 21Page - NXP Semiconductors FS6407 Datasheet HTML 22Page - NXP Semiconductors FS6407 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
NXP Semiconductors
19
FS6407/FS6408
CAN dynamic characteristics
tDOUT
TXD Dominant State Timeout
0.8
–
5.0
ms
tDOM
Bus Dominant Clamping Detection
0.8
–
5.0
ms
tLOOP
Propagation Loop Delay TXD to RXD
•RLOAD = 120 Ω, C between CANH and CANL = 100 pF,
C at RxD < 15 pF
–
–
255
ns
t1PWU
Single Pulse Wake-up Time
0.5
–
5.0
µs
t3PWU
Multiple Pulse Wake-up Time
0.5
–
1.0
µs
t3PTO1
Multiple Pulse Wake-up Timeout (120 µs bit selection)
100
120
–
µs
t3PTO2
Multiple Pulse Wake-up Timeout (360 µs bit selection)
330
360
–
µs
tCAN_READY
Delay to Enable CAN by SPI Command (NCS rising edge) to CAN to
Transmit (device in normal mode and CAN interface in TX/RX mode)
–
–
100
µs
(18)
Fail-safe state machine
OSCFSSM
Oscillator
405
–
495
kHz
CLKFS_MIN
Fail-safe Oscillator Monitoring
150
–
–
kHz
tIC_ERR
IO_0:5 Filter Time
4.0
–
20
µs
tACK_FS
Acknowledgement Counter (used for IC error handling IO_1 and IO_5)
7.0
–
9.7
ms
t_DFS_RECOVERY IO_0 Filter Time to Recover from Deep Reset and Fail State
0.8
–
1.3
ms
tIO1_DRIFT_MON
IO_1 filter time
1.0
–
2.0
ms
Fail-safe output
tRSTB_FB
RSTB Feedback Filter Time
8.0
–
15
µs
tFSOB_FB
FS0B Feedback Filter Time
8.0
–
15
µs
tRSTB_BLK
RSTB Feedback Blanking Time
180
–
320
µs
tFSOB_BLK
FS0B Feedback Blanking Time
180
–
320
µs
tRSTB_POR
Reset Delay Time (after a Power On Reset or from LPOFF)
12
15.9
23.6
ms
(19)
tRSTB_LG
Reset Duration (long pulse)
8.0
–
10
ms
tRSTB_ST
Reset duration (short pulse)
1.0
–
1.3
ms
tRSTB_IN
External Reset Delay time
8.0
–
15
µs
tDIAG_SC
Fail-safe Output Diagnostic Counter (FS0B)
550
–
800
µs
VSUP voltage supply
CSUP
Minimum capacitor on Vsup
44
–
–
µF
Notes
18.
For proper CAN operation, TXD must be set to high level before CAN enable by SPI, and must remain high for at least TCAN_READY.
19.
This timing is not guaranteed in case of fault during startup phase (after Power On Reset of from LPOFF)
Table 5. Dynamic electrical characteristics (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com