Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 85Page - NXP Semiconductors FS6407 Datasheet HTML 86Page - NXP Semiconductors FS6407 Datasheet HTML 87Page - NXP Semiconductors FS6407 Datasheet HTML 88Page - NXP Semiconductors FS6407 Datasheet HTML 89Page - NXP Semiconductors FS6407 Datasheet HTML 90Page - NXP Semiconductors FS6407 Datasheet HTML 91Page - NXP Semiconductors FS6407 Datasheet HTML 92Page - NXP Semiconductors FS6407 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 111 page
background image
NXP Semiconductors
89
FS6407/FS6408
7.3.25 INIT SUPERVISOR3
Table 65. INIT SUPERVISOR3 register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
1
100
01
1
P
0
Vcca_5
D
Vaux_5
D
0
Secure
_3
Secure
_2
Secure
_1
Secure
_0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
0
Reserv
ed
Vcca_5
D
Vaux_5
D
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
100
01
10
000
00
00
0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
0
Reserv
ed
Vcca_5
D
Vaux_5
D
Table 66. INIT SUPERVISOR3. Description and configuration of the bits (default value in bold)
VCCA_5D
Description
Configure the VCCA undervoltage in degraded mode. Only valid for 5.0 V
0
Normal 5.0 V undervoltage detection threshold (VCCA_UV_5)
1
Degraded mode, i.e lower undervoltage detection threshold applied (VCCA_UV_D)
Reset condition
Power On Reset
VAUX_5D
Description
Configure the VAUX undervoltage in degraded mode. Only valid for 5.0 V
0
Normal 5.0 V undervoltage detection threshold (VAUX_UV_5)
1
Degraded mode, i.e lower undervoltage detection threshold applied (VAUX_UV_5D)
Reset condition
Power On Reset
Secure3:0
Description
Secured bits based on write bits
Secured_3 = NOT(bit5)
Secured_2= NOT(bit4)
Secured_1=bit7
Secured_0=bit6
SPI_FS_err
Description
Secured SPI communication check, concerns fail-safe logic only
0
No error
1
Error detected in the secured bits
Reset condition
Power On Reset
SPI_FS_CLK
Description
SCLK error detection, concerns internal error in fail-safe logic only and external errors (at pin level) for both
main and fail-safe logics. Other errors flagged by the SPI_CLK_ bit
0
16 clock cycles during NCS low
1
Wrong number of clock cycles (<16 or >16)
Reset condition
Power On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com