Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 16Page - NXP Semiconductors FS6407 Datasheet HTML 17Page - NXP Semiconductors FS6407 Datasheet HTML 18Page - NXP Semiconductors FS6407 Datasheet HTML 19Page - NXP Semiconductors FS6407 Datasheet HTML 20Page - NXP Semiconductors FS6407 Datasheet HTML 21Page - NXP Semiconductors FS6407 Datasheet HTML 22Page - NXP Semiconductors FS6407 Datasheet HTML 23Page - NXP Semiconductors FS6407 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
20
NXP Semiconductors
FS6407/FS6408
VPRE voltage pre-regulator
fSW_PRE
VPRE Switching Frequency
412
437.5
465
kHz
tSW_PRE
VSW_PRE On and Off Switching Time
–
–
30
ns
(20)
tPRE_SOFT
VPRE Soft Start Duration (COUT ≤ 100 µF)
500
–
700
µs
tPRE_BLK_LIM
VPRE Current Limitation Blanking Time
200
–
600
ns
tIPRE_OC
VPRE Overcurrent Filtering Time
30
–
120
ns
(20)
tPRE_UV
VPRE Undervoltage Filtering Time
20
–
40
µs
tPRE_UV_4p3
Vpre Shut-off Filtering Time
3.0
–
7.0
µs
dIPRE/DT
VPRE Load Regulation Variation
–
–
25
A/ms
(20)
tPRE_WARN
VPRE Thermal Warning Filtering Time
30
–
40
µs
tPRE_TSD
VPRE Thermal Detection Filtering Time
1.0
–
3.0
µs
tLS_RISE/FALL
LS Gate Voltage Switching Time (IOUT = 300 mA)
–
–
50
ns
Vsense voltage regulator
tVSNS_UV
VSNS Undervoltage Filtering Time
1.0
–
3.0
µs
Vcore voltage regulator
tCORE_BLK_LIM
VCORE Current Limitation Blanking Time
20
–
40
ns
fSW_CORE
VCORE Switching Frequency
2.20
2.34
2.49
MHz
tSW_CORE
VSW_CORE On and Off Switching Time
6.0
–
12
ns
VCORE_SOFT
VCORE Soft Start (COUT = 100 µF max)
–
–
10
V/ms
tCORE_WARN
VCORE Thermal Warning Filtering Time
30
–
40
µs
tCORE_TSD
VCORE Thermal Detection Filtering Time
1.0
–
3.0
µs
Vcca voltage regulator
tCCA_LIM
VCCA Output Current Limitation Filter Time
1.0
–
3.0
µs
tCCA_LIM_OFF1
tCCA_LIM_OFF2
VCCA Output Current Limitation Duration
10
50
–
–
–
–
ms
tCCA_WARN
VCCA Thermal Warning Filtering Time
30
–
40
µs
tCCA_TSD
VCCA Thermal Detection Filter Time (int. MOSFET)
1.0
–
3.0
µs
dILOAD/dt
VCCA Load Transient
–
2.0
–
A/ms
(20)
VCCA_SOFT
VCCA Soft Start (5.0 V and 3.3 V)
–
–
50
V/ms
Notes
20.
Guaranteed by characterization.
Table 5. Dynamic electrical characteristics (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com