Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 32Page - NXP Semiconductors FS6407 Datasheet HTML 33Page - NXP Semiconductors FS6407 Datasheet HTML 34Page - NXP Semiconductors FS6407 Datasheet HTML 35Page - NXP Semiconductors FS6407 Datasheet HTML 36Page - NXP Semiconductors FS6407 Datasheet HTML 37Page - NXP Semiconductors FS6407 Datasheet HTML 38Page - NXP Semiconductors FS6407 Datasheet HTML 39Page - NXP Semiconductors FS6407 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
36
NXP Semiconductors
FS6407/FS6408
6.5.2.6
Watchdog refresh counter
The watchdog refresh counter is used to decrement the RST error counter. Each time the watchdog is properly refreshed, the watchdog
refresh counter is incremented by “1”. Each time the watchdog refresh counter reaches “6” and if next WD refresh is also good, the RST
error counter is decremented by “1” (case with WD_CNT_refresh_1:0 configured at 6).
Whatever the position is in the watchdog refresh counter, each time there is a wrong refresh watchdog, the watchdog refresh counter is
reset to “0”. To allow flexibility in the application, the maximum value of this watchdog refresh counter is configurable in the INIT_WD
register, but only when device is in INIT FS mode.
Figure 15. Watchdog refresh counter configuration (INIT_WD register, WD_CNT_refresh_1:0)
Any access to the watchdog register during the “closed” watchdog window is considered as a wrong watchdog refresh. Watchdog timeout,
meaning no WD refresh during closed or open windows, is considered as a wrong WD refresh.
Table 10. Watchdog error table
WINDOW
CLOSED
OPEN
BAD Key
WD_NOK
WD_NOK
SPI
GOOD Key
WD_NOK
WD_OK
None (time out)
No_issue
WD_NOK
0
2
1
3
4
WD Refresh OK
Watchdog Refresh Counter
WD_CNT_refresh = 4
WD Refresh OK
WD Refresh OK
WD Refresh OK
WD Refresh NOK
WD Refresh NOK /
WD_OFF
WD Refresh NOK /
WD_OFF
WD Refresh NOK /
WD_OFF
WD Refresh OK /
WD Refresh NOK /
WD_OFF
0
2
1
3
4
5
6
WD Refresh OK
Watchdog Refresh Counter
WD_CNT_refresh = 6
WD Refresh OK
WD Refresh OK
WD Refresh OK
WD Refresh OK
WD Refresh OK
WD Refresh NOK
WD Refresh NOK /
WD_OFF
WD Refresh NOK /
WD_OFF
WD Refresh NOK /
WD_OFF
WD Refresh NOK /
WD_OFF
WD Refresh NOK /
WD_OFF
WD Refresh OK /
WD Refresh NOK /
WD_OFF
0
1
WD Refresh OK
Watchdog Refresh Counter
WD_CNT_refresh = 1
WD Refresh NOK
WD Refresh OK /
WD Refresh NOK /
WD_OFF
0
Watchdog Refresh Counter
WD_CNT_refresh = 2
WD Refresh NOK
2
1
WD Refresh NOK /
WD_OFF
WD Refresh OK /
WD Refresh NOK /
WD_OFF
WD Refresh OK
WD Refresh OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com