Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 37Page - NXP Semiconductors FS6407 Datasheet HTML 38Page - NXP Semiconductors FS6407 Datasheet HTML 39Page - NXP Semiconductors FS6407 Datasheet HTML 40Page - NXP Semiconductors FS6407 Datasheet HTML 41Page - NXP Semiconductors FS6407 Datasheet HTML 42Page - NXP Semiconductors FS6407 Datasheet HTML 43Page - NXP Semiconductors FS6407 Datasheet HTML 44Page - NXP Semiconductors FS6407 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 111 page
background image
NXP Semiconductors
41
FS6407/FS6408
6.6
Input voltage range
Due to the flexibility of the pre-regulator, the device can cover a wide battery input voltage range. However, a more standard voltage range
can still be covered using only the Buck configuration.
Figure 22. Input voltage range
• Thermal dissipation must be checked based on application use case to maintain junction temperature (TJ) <150 °C
• Buck only, VSUP < VSUP_UV_7:
CAN communication is guaranteed for VSUP > 6.0 V.
For VCCA and VAUX 5.0 V configuration, undervoltage triggers at low VSUP (refer to VCCA_UV_5 and VAUX_UV_5).
6.7
Power management operation
A thermal sensor is implemented as close as possible to the pass transistor of each regulator (VPRE, VCORE, VCCA, VCAN) and an
associated individual thermal shutdown (TSD) protect these regulators independently. When the TSD threshold of a specific regulator is
reached, this regulator only is switched OFF and the information is reported in the main state machine. The regulator restarts automatically
when the junction temperature of the pass transistor decrease below the TSD threshold.
VSUP
No operation
Extended voltage range
VPRE output current limitation
2.7 V
VSUP_UV_7
36 V
40 V
Normal voltage range
Extended voltage range
Potential VPRE thermal limitation
No operation
Risk of damage
No operation
Normal voltage range
Extended voltage range
VPRE output current limitation
Extended voltage range
Potential VPRE thermal limitation
No operation
Risk of damage
Buck-Boost
Buck only
4.6 V
6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com