Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 84Page - NXP Semiconductors FS6407 Datasheet HTML 85Page - NXP Semiconductors FS6407 Datasheet HTML 86Page - NXP Semiconductors FS6407 Datasheet HTML 87Page - NXP Semiconductors FS6407 Datasheet HTML 88Page - NXP Semiconductors FS6407 Datasheet HTML 89Page - NXP Semiconductors FS6407 Datasheet HTML 90Page - NXP Semiconductors FS6407 Datasheet HTML 91Page - NXP Semiconductors FS6407 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
88
NXP Semiconductors
FS6407/FS6408
Table 64. INIT SUPERVISOR2. Description and configuration of the bits (default value in bold)
Vaux_FS1:0
Description
VAUX safety input.
00
No effect of VAUX_OV and VAUX_UV on RSTb and FSxx
01
VAUX_OV DOES HAVE an impact on RSTb and FSxx. VAUX_UV DOES HAVE an impact on RSTb only
10
VAUX_OV DOES HAVE an impact on RSTb and FSxx. No effect of VAUX_UV on RSTb and FSxx
11
Both VAUX_OV and VAUX_UV DO HAVE an impact on RSTb and FSxx
Reset condition
Power On Reset
DIS_8s
Description
Disable the 8.0 s timer used to enter Deep Fail-safe mode
0
ENABLED
1
DISABLED
Reset condition
Power On Reset
Secure3:0
Description
Secured bits based on write bits
Secured_3 = NOT(bit5)
Secured_2 = NOT(bit4)
Secured_1 = bit7
Secured_0 = bit6
SPI_FS_err
Description
Secured SPI communication check, concerns fail-safe logic only.
0No error
1
Error detected in the secured bits
Reset condition
Power On Reset
SPI_FS_CLK
Description
SCLK error detection, concerns internal error in fail-safe logic only and external errors (at pin level) for both
main and fail-safe logics. Other errors flagged by SPI_CLK_ bit
0
16 clock cycles during NCS low
1
Wrong number of clock cycles (<16 or >16)
Reset condition
Power On Reset
SPI_FS_Req
Description
Invalid SPI access (Wrong Write or Read, Write to INIT registers in normal mode, wrong address), concerns
fail-safe Logic only
0No error
1
SPI violation
Reset condition
Power On Reset
SPI_FS_Parity
Description
SPI parity bit error detection, concerns fail-safe logic only
0
Parity bit OK
1Parity bit ERROR
Reset condition
Power On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com