Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 4 Page - NXP Semiconductors

  FS6407 Datasheet HTML 1Page - NXP Semiconductors FS6407 Datasheet HTML 2Page - NXP Semiconductors FS6407 Datasheet HTML 3Page - NXP Semiconductors FS6407 Datasheet HTML 4Page - NXP Semiconductors FS6407 Datasheet HTML 5Page - NXP Semiconductors FS6407 Datasheet HTML 6Page - NXP Semiconductors FS6407 Datasheet HTML 7Page - NXP Semiconductors FS6407 Datasheet HTML 8Page - NXP Semiconductors FS6407 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
NXP Semiconductors
4
FS6407/FS6408
2
Internal block diagram
Figure 3. FS6407/FS6408 simplified internal block diagram
VCCA_E
VCCA_B
VCCA
VAUX_B
VAUX_E
VAUX
CAN-5V
MOSI
MISO
SCLK
NCS
RXD
TXD
CANH
CANL
VDDIO
SELECT
MUX_OUT
INTB
RSTB
FS0B
DEBUG
GNDA
IO_0
IO_1
IO_2
IO_3
IO_4
IO_5
VPRE SMPS
VCORE SMPS
VCCA Linear Regulator
VAUX Linear Regulator
Voltage Regulator
SUPERVISOR
(Over & undervoltage
)
VCAN
Internal Linear
Regulator
HSCAN Interface
I/Os
Interface
MUX
Interface
Fail-safe Machine
Analog Reference #2
FS
Power Management
State Machine
V2p5
Logic
Main
V2p5Logic
FS
6
OSC
Main
OSC
FS
CAN-5V
VPRE
VAUX
VCCA FB_core
TSD
TSD
TSD
TSD
VSUP1&2 CAN diag
Charge Pump
VREF
(2.5V)
Die
Temp
Analog
Reference #1
GND_COM
SPI
Main
SPI
FS
VSUP3
TSD
5
VSUP3
VPRE
VSENSE
VSENSE
VPRE
VPRE
VPRE
VPRE
VPRE
VDDIO
CAN-5V
VPRE3
Vsense
Select
Select
Debug
VDDIO
Debug
VPRE
MISO FS
Fail-safe Logic & supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com