Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 58Page - NXP Semiconductors FS6407 Datasheet HTML 59Page - NXP Semiconductors FS6407 Datasheet HTML 60Page - NXP Semiconductors FS6407 Datasheet HTML 61Page - NXP Semiconductors FS6407 Datasheet HTML 62Page - NXP Semiconductors FS6407 Datasheet HTML 63Page - NXP Semiconductors FS6407 Datasheet HTML 64Page - NXP Semiconductors FS6407 Datasheet HTML 65Page - NXP Semiconductors FS6407 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 111 page
background image
62
NXP Semiconductors
FS6407/FS6408
The device contains several registers. Their address is coded on 7 bits (bits 15 to 9). Each register controls or reports part of the device
function. Data can be written to the register, to control the device operation or set default value or behavior. Every register can also be
read back to ensure its content (default setting or value previously written) are correct.
7.1.4
Register description
Although the minimum time between two NCS low sequences is defined by tONNCS (Figure 48), two consecutive accesses to the fail-safe
registers must be done with a 3.5 µs minimum NCS high time in between. Although the minimum time between two fail-safe registers
accesses is 3.5 µs, some SPI accesses to the main registers can be done in between (Figure 48).
7.2
Detail operation
Figure 48. MOSI / MISO SPI command organization
Table 12. MOSI bits description
R / W
Description
Set if it is a READ or WRITE Command
0
READ
1WRITE
M / FS
Description
Split the addresses between Fail-safe state machine and main Logic
0Main
1Fail-safe
A4:0
Description
Set the address to Read or Write
0
See Register Mapping
1
P
Description
Parity bit (only use in Write mode). Set to 0 in Read mode
0
Number of “1” (bit15:9 and bit 7:0) is odd
1
Number of “1” (bit15:9) and bit 7:0) is even
D7:0
Description
Data in Write mode. Must be set to 00h in Read mode
0
See Register Details
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com