Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 9Page - NXP Semiconductors FS6407 Datasheet HTML 10Page - NXP Semiconductors FS6407 Datasheet HTML 11Page - NXP Semiconductors FS6407 Datasheet HTML 12Page - NXP Semiconductors FS6407 Datasheet HTML 13Page - NXP Semiconductors FS6407 Datasheet HTML 14Page - NXP Semiconductors FS6407 Datasheet HTML 15Page - NXP Semiconductors FS6407 Datasheet HTML 16Page - NXP Semiconductors FS6407 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
NXP Semiconductors
13
FS6407/FS6408
Vaux voltage regulator
VAUX_5
VAUX Output Voltage (5.0 V configuration)
4.85
5.0
5.15
V
VAUX_33
VAUX Output Voltage (3.3 V configuration)
3.2
3.3
3.4
V
VAUX_TRK
VAUX Tracking Error (VAUX_5 and VAUX_33)-15
+15
mV
IAUX_OUT
VAUX Output Current
300
mA
IAUX_LIM
VAUX Output Current Limitation
300
700
mA
IAUX_LIM_FB
VAUX Output Current Limitation Foldback
100
530
mA
VAUX_LIM_FB
VAUX Output Voltage Foldback Threshold
0.5
1.1
V
VAUX_LIM_HYST
VAUX Output Voltage Foldback Hysteresis
0.03
0.3
V
IAUX_BASE_SC
IAUX_BASE_SK
VAUX Base Current Capability
7.0
-7.0
mA
TSDAUX
VAUX Thermal Shutdown Threshold
160
°C
TSDAUX_HYST
VAUX Thermal Shutdown Hysteresis
10
°C
(13)
LORVAUX
VAUX Static Load Regulation (IAUX_OUT = 10 mA to 300 mA)
15
mV
(13)
LORTVAUX
VAUX Transient Load Regulation
•IAUX_OUT = 10 mA to 300 mA
––
1.0
%
(13)
CAN_5V voltage regulator
VCAN
VCAN Output Voltage
VSUP > 6.0 V in Buck mode
VSUP > VSUP_UV_L in Boost mode
4.8
5.0
5.2
V
ICAN_OUT
VCAN Output Current
100
mA
ICAN_LIM
VCAN Output Current Limitation
100
250
mA
TSDCAN
VCAN Thermal Shutdown Threshold
160
°C
TSDCAN_HYST
VCAN Thermal Shutdown Hysteresis
10
°C
(13)
VCAN_UV
VCAN Undervoltage Detection Threshold
4.25
4.8
V
VCAN_UV_HYST
VCAN Undervoltage Hysteresis
0.07
0.22
V
VCAN_OV
VCAN Overvoltage Detection Threshold
5.2
5.55
V
VCAN_OV_HYST
VCAN Overvoltage Hysteresis
0.07
0.22
V
LORVCAN
VCAN Load Regulation (from 0 to 50 mA)
100
mV
(13)
Notes
13.
Guaranteed by design.
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com