Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 31Page - NXP Semiconductors FS6407 Datasheet HTML 32Page - NXP Semiconductors FS6407 Datasheet HTML 33Page - NXP Semiconductors FS6407 Datasheet HTML 34Page - NXP Semiconductors FS6407 Datasheet HTML 35Page - NXP Semiconductors FS6407 Datasheet HTML 36Page - NXP Semiconductors FS6407 Datasheet HTML 37Page - NXP Semiconductors FS6407 Datasheet HTML 38Page - NXP Semiconductors FS6407 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
NXP Semiconductors
35
FS6407/FS6408
6.5.2.3
Watchdog in debug mode
When the device is in debug mode (entered via the DEBUG pin), the watchdog continues to operate, but does not affect the device
operation by asserting a reset or fail-safe pins. For the user, operation appears without the watchdog. If needed and to debug the
watchdog itself, the user can operate as in Normal mode and check LFSR values, the watchdog refresh counter, the watchdog error
counter, and reset counter. This allows the user to debug their software and ensure a good watchdog strategy in the application.
6.5.2.4
Wrong watchdog refresh handling
Error counters and strategy are implemented in the device to manage wrong watchdog refreshes from the MCU. According to consecutive
numbers of wrong watchdog refreshes, the device can decide to assert the RSTB only, or to go in deep Fail-safe mode where only a Power
On Reset or a transition on IO_O helps the system to recover.
6.5.2.5
Watchdog error counter
The watchdog error counter is implemented in the device to filter the incorrect watchdog refresh. Each time a watchdog failure occurs, the
device increments this counter by 2. The WD error counter is decremented by 1 each time the watchdog is properly refreshed. This
principle ensures that a cyclic “OK/NOK” behavior converges to a failure detection. To allow flexibility in the application, the maximum
value of this counter is configurable in the INIT_WD register, but only when device is in INIT FS mode.
Figure 14. Watchdog error counter configuration (INIT_WD register, bits WD_CNT_error_1:0)
WD refresh OK
WD refresh OK
WD refresh OK
0
2
1
3
4
WD refresh NOK
WD refresh NOK
WD refresh NOK
Watchdog Error Counter
WD_CNT_error = 4
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
0
2
1
3
4
5
6
WD refresh NOK
WD refresh NOK
WD refresh NOK
WD refresh NOK
WD refresh NOK
WD refresh NOK
Watchdog Error Counter
WD_CNT_error = 6
WD refresh NOK
0
2
1
WD refresh NOK
Watchdog Error Counter
WD_CNT_error = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com