Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 59Page - NXP Semiconductors FS6407 Datasheet HTML 60Page - NXP Semiconductors FS6407 Datasheet HTML 61Page - NXP Semiconductors FS6407 Datasheet HTML 62Page - NXP Semiconductors FS6407 Datasheet HTML 63Page - NXP Semiconductors FS6407 Datasheet HTML 64Page - NXP Semiconductors FS6407 Datasheet HTML 65Page - NXP Semiconductors FS6407 Datasheet HTML 66Page - NXP Semiconductors FS6407 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
NXP Semiconductors
63
FS6407/FS6408
SPI_G = SPI_err or SPI_clk or SPI_Req or SPI_Parity or SPI_FS_err or SPI_FS_clk or SPI_FS_Req or SPI_FS_Parity
WU_G = IO_5_WU or IO_4_WU or IO_3_WU or IO_2_WU or IO_1_WU or IO_0_WU or PHY_WU
CAN_G = CANH_BATT or CANH_GND or CANL_BATT or CANL_GND or CAN_dominant or RXD_recessive or TXD_dominant or
CAN_OT or CAN_OC
IO_G = IO_5 or IO_4 or IO_3 or IO_2 or IO_1 or IO_0
Vpre_G = VSNS_UV or VSUP_UV_7 or ILIM_PRE or TWARN_PRE or BOB or VPRE_STATE_flag or VPRE_OV or VPRE_UV
Vcore_G = ILIM_CORE or TWARN_CORE or VCORE_STATE_flag or VCORE_OV or VCORE_UV
Vothers_G = ILIM_CCA or TWARN_CCA or TSD_CCA or ILIM_CCA_OFF or VCCA_UV or VCCA_OV or ILIM_AUX or VAUX_TSD or
ILIM_AUX_OFF or VAUX_OV or VAUX_UV or ILIM_CAN or VCAN_UV or VCAN_OV or TSD_CAN
Table 13. MISO bits description
SPI_G
Description
Report an error in the SPI communication
0No Failure
1Failure
Reset Condition
Power On Reset / When initial event cleared on read
WU
Description
Report a wake-up event. Logical OR of all wake-up sources
0
No WU event
1
WU event
Reset Condition
Power On Reset / When initial event cleared on read
CAN_G
Description
Report a CAN event (Diagnostic)
0
No event
1
CAN event
Reset Condition
Power On Reset / When initial event cleared on read
IO_G
Description
Report a change in IOs state
0
No IO transition
1
IO transition
Reset Condition
Power On Reset / when initial event cleared on read
VPRE_G
Description
Report an event from VPRE-REGULATOR and battery monitoring (status change or failure)
0
No event
1
Event occurred
Reset Condition
Power On Reset / when initial event cleared on read
VCORE_G
Description
Report an event from VCORE regulator (status change or failure)
0
No event
1
Event occurred
Reset Condition
Power On Reset / when initial event cleared on read
VOTHERS_G
Description
Report an event from VCCA, VAUX, or VCAN regulators (status change or failure)
0
No event
1
Event occurred
Reset Condition
Power On Reset / when initial event cleared on read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com