Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6407 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 63Page - NXP Semiconductors FS6407 Datasheet HTML 64Page - NXP Semiconductors FS6407 Datasheet HTML 65Page - NXP Semiconductors FS6407 Datasheet HTML 66Page - NXP Semiconductors FS6407 Datasheet HTML 67Page - NXP Semiconductors FS6407 Datasheet HTML 68Page - NXP Semiconductors FS6407 Datasheet HTML 69Page - NXP Semiconductors FS6407 Datasheet HTML 70Page - NXP Semiconductors FS6407 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
NXP Semiconductors
67
FS6407/FS6408
7.3.3
Init CAN
Table 20. INIT VREG2. Description and configuration of the bits (default value in bold)
TCCA_LIM_OFF
Description
Configure the current limitation duration before regulator is switched off. Only used for external PNP
0
10 ms
1
50 ms
Reset condition
Power On Reset
ICCA_LIM
Description
Configure the current limitation threshold. Only available for external PNP
0ICCA_LIM_OUT
1ICCA_LIM_INT
Reset condition
Power On Reset
TAUX_LIM_OFF
Description
Configure the current limitation duration before regulator is switched off. Only used for external PNP
0
10 ms
1
50 ms
Reset condition
Power On Reset
VAUX_TRK_EN
Description
Configure VAUX regulator as a tracker
0
No tracking. HW configuration is used
1
Tracking enabled
Reset condition
Power On Reset
Table 21. INIT CAN register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
1
0
0
0
0
1
1
P
0
CAN_w
u_conf
0
0
CAN_w
u_TO
000
MISO
SPI_G
WU
CAN_G
Reserve
d
IO_G
Vpre_G
Vcore_
G
Vothers
_G
0
CAN_w
u_conf
Reserve
d
Reserve
d
CAN_w
u_TO
Reserve
d
Reserve
d
Reserve
d
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
MISO
SPI_G
WU
CAN_G
Reserve
d
IO_G
Vpre_G
Vcore_
G
Vothers
_G
0
CAN_w
u_conf
Reserve
d
Reserve
d
CAN_w
u_TO
Reserve
d
Reserve
d
Reserve
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com