Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 136 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 148 page
background image
Electrical Specifications
General Release Specification
MC68HC705E5 — Rev. 1.0
Electrical Specifications
15.6 DC Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
I
LOAD = 10.0 µA
I
LOAD = –10.0 µA
VOL
VOH
—
VDD –0.1
—
—
0.1
—
V
Output High Voltage
(I
LOAD –0.8 mA) PA0–PA7, PB0–PB7, PC0–PC3
VOH
VDD –0.8
—
—
V
Output Low Voltage
(I
LOAD = 1.6 mA) PA0–PA7, PB0–PB7, PC0–PC3
VOL
—
—
0.4
V
Input High Voltage
PA0–PA7, PB0–PB7, PC0–PC3, IRQ, RESET, OSC1
VIH
0.7xVDD
—VDD
V
Input Low Voltage
PA0–PA7, PB0–PB7, PC0–PC3, IRQ, RESET, OSC1
VIL
VSS
—
0.3 x VDD
V
EPROM Programming Voltage
VIN
14.5
—
15.5
V
XFC Wide Bandwidth
Source
Sink
IOH
IOL
–50
50
–100
100
—
—
µA
XFC Narrow Bandwidth
Source
Sink
IOH
IOL
–1
1
–2
2
—
—
µA
Supply Current (see Notes)
Run
(fosc = 32.768 kHz, fop = 16.384 kHz)
(fosc = 4.2 MHz, fop = 2.1 MHz)
Wait
(fosc = 32.768 kHz, fop = 16.384 kHz)
(fosc = 4.2 MHz, fop = 2.1 MHz)
Stop (PLL Off)
25 oC
IDD
—
—
—
—
—
120
2.5
50
0.7
10
400
3.5
150
1
50
µA
mA
µA
mA
µA
I/O Ports Hi-Z Leakage Current
PA0–PA7, PB0–PB7, PC0–PC3
IOZ
——
10
µA
Input Current
RESET, IRQ, OSC1
IIN
——
1
µA
Capacitance
Ports as Input or Output
RESET, IRQ
COUT
CINT
—
—
—
—
12
8
pF
NOTES:
1. VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = 0 °C to +70 °C, unless otherwise noted
2. Typical values at midpoint of voltage range, 25
°C only
3. Wait I
DD: Only timer and CPI systems active
4. Run (Operating) I
DD, wait IDD: Measured using external square wave clock source; all inputs 0.2 V from rail;
no dc loads; less than 50 pF on all outputs; C
L = 20 pF on OSC2
5. Wait, stop I
DD: All ports configured as inputs; VIL = 0.2; VIH = VDD –0.2 V
6. Stop I
DD measured with OSC1 = VSS
7. Wait I
DD affected linearly by the OSC2 capacitance
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com