Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 137 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 148 page
background image
Electrical Specifications
DC Electrical Characteristics
MC68HC705E5 — Rev. 1.0
General Release Specification
Electrical Specifications
Figure 15-1. Maximum Supply Current
versus Operating Frequency
Figure 15-2. Typical Supply Current
versus Operating Frequency
RUN
I DD
0
1.0
2.0
2.5
3.5
0.277
1.319
0.798
1.058
VDD = 5.0 V
TA = –0 °C to 70 °C
0.016
1.840
OPERATING FREQUENCY (MHz)
1.579
0.5
1.5
3.0
0.537
2.100
WAIT
IDD
RUN
I DD
0
1.0
2.0
2.5
0.277
1.319
0.798
1.058
VDD = 5.0 V
TA = –0 °C to 70 °C
0.016
1.840
OPERATING FREQUENCY (MHz)
1.579
0.5
1.5
0.537
2.100
WAIT
IDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com