Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 140 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 148 page
background image
Electrical Specifications
General Release Specification
MC68HC705E5 — Rev. 1.0
Electrical Specifications
15.8 M-Bus Interface Input Signal Timing
15.9 M-Bus Interface Output Signal Timing
Characteristic
Symbol
Min
Max
Unit
Start Condition Hold Time
tHD.STA
2—
tcyc
Clock Low Period
tLOW
4.7
—
tcyc
Clock High Period
tHIGH
4—
tcyc
SDA/SCL Rise Time
t
R
—
1.0
ms
SDA/SCL Fall Time
tF
—
300
ns
Data Setup Time
tSU.DAT
250
—
ns
Data Hold Time
tHD.DAT
0—
tcyc
Start Condition Setup Time (For Repeated Start Condition Only)
tSU.STA
2—
tcyc
Stop Condition Setup Time
tSU.STO
2—
tcyc
NOTE: VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40
oC to +85 oC, unless otherwise noted
Characteristic
Symbol
Min
Max
Unit
Start Condition Hold Time
tHD.STA
12
—
tcyc
Clock Low Period
tLOW
11
—
tcyc
Clock High Period
tHIGH
11
—
tcyc
SDA/SCL Rise Time
t
R
—
1.0
ms
SDA/SCL Fall Time
tF
—
300
ns
Data Setup Time
tSU.DAT
tLow–tcyc
—ns
Data Hold Time
tHD.DAT
0—
tcyc
Start Condition Setup Time (For Repeated Start Condition Only)
tSU.STA
10
—
tcyc
Stop Condition Setup Time
tSU.STO
12
—
tcyc
NOTE: VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40
oC to +85 oC, unless otherwise noted
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com