Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 138 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 148 page
background image
Electrical Specifications
General Release Specification
MC68HC705E5 — Rev. 1.0
Electrical Specifications
15.7 Control Timing
Figure 15-3. External Interrupt Mode Diagram
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Crystal Option
External Clock Option
fOSC
—
dc
32.768
4.2
kHz
MHz
Internal Operating Frequency
Crystal (f
OSC ÷ 2)
External Clock (f
OSC ÷ 2)
fOP
—
dc
16.384
2.1
kHz
MHz
Cycle Time
tcyc
480
—
ns
EPROM Byte Programming Time
tEPGM
—10
ms
RESET Pulse Width
tRL
1.5
—
tcyc
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
125
—
ns
Interrupt Pulse Period
tILIL
see Note 2
—
tcyc
OSC1 Pulse Width
tOH,tOL
90
—
ns
PLL Startup Stabilization Time
tPLLS
50
—
ms
NOTES:
1. VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = 0
oC to +70 oC, unless otherwise noted
2. The minimum period, t
ILI, should not be less than the number of cycle times it takes to execute the
interrupt service routine plus 19 tcyc.
IRQ
tILIH
tILIH
tILIH
IRQ1
IRQn
IRQ
(MCU)
NORMALLY USED
WITH WIRE-ORed
CONNECTION
.
.
.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com