Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 114 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 114 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 110Page - Texas Instruments CC1010-RTR1 Datasheet HTML 111Page - Texas Instruments CC1010-RTR1 Datasheet HTML 112Page - Texas Instruments CC1010-RTR1 Datasheet HTML 113Page - Texas Instruments CC1010-RTR1 Datasheet HTML 114Page - Texas Instruments CC1010-RTR1 Datasheet HTML 115Page - Texas Instruments CC1010-RTR1 Datasheet HTML 116Page - Texas Instruments CC1010-RTR1 Datasheet HTML 117Page - Texas Instruments CC1010-RTR1 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 152 page
background image
CC1010
SWRS047
Page 114 of 152
the result of the calibration is stored in the
TEST0 (VCO capacitance array setting)
and TEST2 (Charge pump current setting)
registers. The access of these registers
depend on the RFMAIN.F_REG bit as
there are two physical registers mapped to
the same address, one for frequency A
and one for frequency B. The calibration
result can be read back from TEST0 and
TEST2,
and
later
written
back
in
TEST5.VCO_AO(3:0)
and
TEST5.CHP_CO(4:0)
respectively.
TEST5.VCO_OVERRIDE
and
TEST6.CHP_OVERRIDE must be set in
order to make the override values to take
effect.
The rest of the TESTn registers are not
needed for normal operation of
CC1010, but
are included here for completeness.
CAL (0xE5) - PLL Calibration Control Register
Bit
Name
R/W
Reset value
Description
7
CAL_START
R/W
0
↑ 1 : Calibration started
0 : Calibration inactive
Calibration is started after a positive transition on
CAL_START. CAL_START must manually be
written to 0 after calibration is complete (read the
CAL_COMPLETE flag)
6
CAL_DUAL
R/W
0
1 : Store calibration in both A and B (dual
calibration)
0 : Store calibration in A or B defined by
RFMAIN.F_REG
5
CAL_WAIT
R/W
0
1 : Normal Calibration Wait Time (Recommended)
0 : Half Calibration Wait Time
The calibration time is proportional to the internal
reference frequency fREF. See the main text.
4
CAL_CURRENT
R/W
0
1 : Calibration Current Doubled
0 : Normal Calibration Current (Recommended)
3
CAL_COMPLETE
R
0
Status bit which is set when the calibration is
complete
2:0
CAL_ITERATE
R/W
101
Iteration start value for calibration DAC
000 - 101: Not used
110 : Normal start value
111 : Not used
TEST6 (0xFF) – PLL Test Register 6
Bit
Name
R/W
Reset value
Description
7
LOOPFILTER_TP1
R/W
0
Testpoint 1 select
0 : CHP_OUT tied to GND
1 : Select testpoint 1 to CHP_OUT
6
LOOPFILTER_TP2
R/W
0
Testpoint 2 select
0 : CHP_OUT tied to GND
1 : Select testpoint 2 to CHP_OUT
5
CHP_OVERRIDE
R/W
0
Charge pump current override enable
0 : use calibrated value. Used in RX mode
1 : use CHP_CO[4:0] value. Used in TX mode
4:0
CHP_CO(4:0)
R/W
0x10
Charge pump current DAC override value,
applied when
CHP_OVERRIDE is high. Use
0x1B in TX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com