Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 115 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 115 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 111Page - Texas Instruments CC1010-RTR1 Datasheet HTML 112Page - Texas Instruments CC1010-RTR1 Datasheet HTML 113Page - Texas Instruments CC1010-RTR1 Datasheet HTML 114Page - Texas Instruments CC1010-RTR1 Datasheet HTML 115Page - Texas Instruments CC1010-RTR1 Datasheet HTML 116Page - Texas Instruments CC1010-RTR1 Datasheet HTML 117Page - Texas Instruments CC1010-RTR1 Datasheet HTML 118Page - Texas Instruments CC1010-RTR1 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
CC1010
SWRS047
Page 115 of 152
TEST5 (0xFE) – PLL Test Register 5
Bit
Name
R/W
Reset value
Description
7:6
-
R0
0x00
Reserved, read as 0
5
CHP_DISABLE
R/W
0
PLL Charge Pump disable
0 : Charge Pump is enabled (normal function)
1 : Charge Pump is disabled
4
VCO_OVERRIDE
R/W
0
VCO array override
0 : VCO array is not overridden (normal function)
1 : VCO array is set by
VCO_AO(3:0)
3:0
VCO_AO(3:0)
R/W
0x08
VCO Array override value
TEST4 (0xFD) – PLL Test Register 4
Bit
Name
R/W
Reset value
Description
7:6
-
R/W
0x00
Reserved, read as 0
5:0
L2KIO
R/W
0x25
Constant charge pump current scaling / rounding
factor. Sets bandwidth of PLL. Default value is
0x25 and shall be used for all modes
TEST3 (0xFC) – PLL Test Register 3
Bit
Name
R/W
Reset value
Description
7:5
-
R0
0x00
Reserved, read as 0
4
BREAK_LOOP
R/W
0
Break frequency synthesis PLL
0 : PLL loop closed (normal operation)
1 : PLL loop open
3:0
CAL_DAC_OPEN
(3:0)
R/W
100
Calibration DAC override value, active when
BREAK_LOOP is set
TEST2 (0xFB) – PLL Test Register 2
Bit
Name
R/W
Reset value
Description
7:5
-
R0
0x00
Reserved, read as 0
4:0
CHP_CURRENT
(4:0)
R
None
Status vector defining the applied charge pump
current
TEST1 (0xFA) – PLL Test Register 1
Bit
Name
R/W
Reset value
Description
7:4
-
R0
0x00
Reserved, read as 0
3:0
CAL_DAC(3:0)
R
None
Status vector defining the applied calibration
DAC value
TEST0 (0xF9) – PLL Test Register 0
Bit
Name
R/W
Reset value
Description
7:4
-
R0
0x00
Reserved, read as 0
3:0
VCO_ARRAY(3:0)
R
0x00
Status vector defining the applied VCO array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com