Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 119 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 119 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 115Page - Texas Instruments CC1010-RTR1 Datasheet HTML 116Page - Texas Instruments CC1010-RTR1 Datasheet HTML 117Page - Texas Instruments CC1010-RTR1 Datasheet HTML 118Page - Texas Instruments CC1010-RTR1 Datasheet HTML 119Page - Texas Instruments CC1010-RTR1 Datasheet HTML 120Page - Texas Instruments CC1010-RTR1 Datasheet HTML 121Page - Texas Instruments CC1010-RTR1 Datasheet HTML 122Page - Texas Instruments CC1010-RTR1 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 152 page
background image
CC1010
SWRS047
Page 119 of 152
FREND (0xEE) - Front End Control Register
Bit
Name
R/W
Reset value
Description
7:6
-
R/W
0
Reserved, should always be written 0
5
BUF_CURRENT
R/W
0
Control of current in the LNA_FOLLOWER
0 : 520uA, use for f<500 MHz
1 : 690uA, use for f>500 MHz
4:3
LNA_CURRENT(1:0)
R/W
00
Control of current in LNA
00 : 0.8mA
01 : 1.4mA, use for f<500 MHz
10 : 1.8mA, use for f>500 MHz
11 : 2.2mA
2
IF_EXTERNAL
R/W
0
Controls where the output from the mixer
goes:
0: To internal IF filter and demodulator
1: To the
AD2(RSSI/IF) pin for external
filtering and demodulation
1
RSSI
R/W
0
0: RSSI output disconnected from
AD2(RSSI/IF)pin
1: RSSI output connected to
AD2(RSSI/IF)pin
0
-
R/W
0
Reserved, should always be written 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com