Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 116 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 116 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 112Page - Texas Instruments CC1010-RTR1 Datasheet HTML 113Page - Texas Instruments CC1010-RTR1 Datasheet HTML 114Page - Texas Instruments CC1010-RTR1 Datasheet HTML 115Page - Texas Instruments CC1010-RTR1 Datasheet HTML 116Page - Texas Instruments CC1010-RTR1 Datasheet HTML 117Page - Texas Instruments CC1010-RTR1 Datasheet HTML 118Page - Texas Instruments CC1010-RTR1 Datasheet HTML 119Page - Texas Instruments CC1010-RTR1 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 152 page
background image
CC1010
SWRS047
Page 116 of 152
Write CAL.CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL.CAL_COMPLETE=1
Start single calibration
RX frequency register A is calibrated first
Write RFMAIN:
RXTX = 0; F_REG = 0; RX_PD = 0; TX_PD = 1;
FS_PD = 0; CORE_PD=0; BIAS_PD=0;
Write FREQ_A, FREQ_B
Write CAL.CAL_DUAL = 0
Frequency register A is used for
RX mode, register B for TX
Write CAL.CAL_START=1
Calibration is performed in RX mode,
Result is stored in TEST0 and TEST2,
RX register
Write CURRENT.VCO_CURRENT = RX current
Write PLL.REFDIV = RX reference divider
Write TEST6=0x1B
‘RX current’ is the VCO current to
be used in RX mode
Write CAL.CAL_START=0
Wait for 26 ms, or
Read CAL and wait until
CAL.CAL_COMPLETE=1
TX frequency register B is calibrated second
Write RFMAIN:
RXTX = 1; F_REG = 1
RX_PD = 1; TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write CAL.CAL_START=1
Calibration is performed in TX mode,
Result is stored in TEST0 and TEST2,
TX registers
Write CURRENT.VCO_CURRENT = TX current
Write PLL.REFDIV = TX reference divider
Write TEST6 = 0x3B
Write PA_POW = 0x00
‘TX current’ is the VCO current to be
used in TX mode
PA is turned off to prevent spurious
emission
Calibration time depends on the reference
frequency, see text.
Write CAL.CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL.CAL_COMPLETE=1
Start single calibration
RX frequency register A is calibrated first
Write RFMAIN:
RXTX = 0; F_REG = 0; RX_PD = 0; TX_PD = 1;
FS_PD = 0; CORE_PD=0; BIAS_PD=0;
Write FREQ_A, FREQ_B
Write CAL.CAL_DUAL = 0
Frequency register A is used for
RX mode, register B for TX
Write CAL.CAL_START=1
Calibration is performed in RX mode,
Result is stored in TEST0 and TEST2,
RX register
Write CURRENT.VCO_CURRENT = RX current
Write PLL.REFDIV = RX reference divider
Write TEST6=0x1B
‘RX current’ is the VCO current to
be used in RX mode
Write CAL.CAL_START=0
Wait for 26 ms, or
Read CAL and wait until
CAL.CAL_COMPLETE=1
TX frequency register B is calibrated second
Write RFMAIN:
RXTX = 1; F_REG = 1
RX_PD = 1; TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write CAL.CAL_START=1
Calibration is performed in TX mode,
Result is stored in TEST0 and TEST2,
TX registers
Write CURRENT.VCO_CURRENT = TX current
Write PLL.REFDIV = TX reference divider
Write TEST6 = 0x3B
Write PA_POW = 0x00
‘TX current’ is the VCO current to be
used in TX mode
PA is turned off to prevent spurious
emission
Calibration time depends on the reference
frequency, see text.
Figure 34. Single calibration algorithm for RX and TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com