Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 117 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 117 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 113Page - Texas Instruments CC1010-RTR1 Datasheet HTML 114Page - Texas Instruments CC1010-RTR1 Datasheet HTML 115Page - Texas Instruments CC1010-RTR1 Datasheet HTML 116Page - Texas Instruments CC1010-RTR1 Datasheet HTML 117Page - Texas Instruments CC1010-RTR1 Datasheet HTML 118Page - Texas Instruments CC1010-RTR1 Datasheet HTML 119Page - Texas Instruments CC1010-RTR1 Datasheet HTML 120Page - Texas Instruments CC1010-RTR1 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 152 page
background image
CC1010
SWRS047
Page 117 of 152
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL.CAL_COMPLETE=1
Start dual calibration
Either frequency register A or B is selected
Write RFMAIN:
RXTX = 0; F_REG = 0; RX_PD = 0; TX_PD = 1;
FS_PD = 0; CORE_PD=0; BIAS_PD=0;
Write FREQ_A, FREQ_B
Write CAL.CAL_DUAL = 1
Frequency registers A and B are both used
for RX mode (or both for TX mode)
Write CAL.CAL_START=1
Dual calibration is performed.
Result is stored in TEST0 and TEST2,
for both frequency A and B registers
Write CURRENT.VCO_CURRENT = RX current
Write PLL.REFDIV = RX reference divider
Write TEST6=0x1B
‘RX current’ is the VCO current to be
used in RX mode.
TEST6 = 0x3B if TX mode
Calibration time depends on the reference
frequency, see text.
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL.CAL_COMPLETE=1
Start dual calibration
Either frequency register A or B is selected
Write RFMAIN:
RXTX = 0; F_REG = 0; RX_PD = 0; TX_PD = 1;
FS_PD = 0; CORE_PD=0; BIAS_PD=0;
Write FREQ_A, FREQ_B
Write CAL.CAL_DUAL = 1
Frequency registers A and B are both used
for RX mode (or both for TX mode)
Write CAL.CAL_START=1
Dual calibration is performed.
Result is stored in TEST0 and TEST2,
for both frequency A and B registers
Write CURRENT.VCO_CURRENT = RX current
Write PLL.REFDIV = RX reference divider
Write TEST6=0x1B
‘RX current’ is the VCO current to be
used in RX mode.
TEST6 = 0x3B if TX mode
Calibration time depends on the reference
frequency, see text.
Figure 35. Dual calibration algorithm for RX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com