Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
Enhanced Serial Audio Interface
DSP56362 Technical Data, Rev. 4
2-16
Freescale Semiconductor
2.9
Enhanced Serial Audio Interface
Table 2-11 Enhanced Serial Audio Interface Signals
Signal
Name
Signal Type
State during Reset
Signal Description
HCKR
PC2
Input or Output
Input, Output, or
Disconnected
GPIO Disconnected High Frequency Clock for Receiver—When programmed as an
input, this signal provides a high frequency clock source for the ESAI
receiver as an alternate to the DSP core clock. When programmed as
an output, this signal can serve as a high-frequency sample clock
(e.g., for external digital to analog converters [DACs]) or as an
additional system clock.
Port C 2—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
HCKT
PC5
Input or Output
Input, Output, or
Disconnected
GPIO Disconnected High Frequency Clock for Transmitter—When programmed as an
input, this signal provides a high frequency clock source for the ESAI
transmitter as an alternate to the DSP core clock. When programmed
as an output, this signal can serve as a high frequency sample clock
(e.g., for external DACs) or as an additional system clock.
Port C 5—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
FSR
PC1
Input or Output
Input, Output, or
Disconnected
GPIO Disconnected Frame Sync for Receiver—This is the receiver frame sync
input/output signal. In the asynchronous mode (SYN=0), the FSR pin
operates as the frame sync input or output used by all the enabled
receivers. In the synchronous mode (SYN=1), it operates as either the
serial flag 1 pin (TEBE=0), or as the transmitter external buffer enable
control (TEBE=1, RFSD=1).
When this pin is configured as serial flag pin, its direction is
determined by the RFSD bit in the RCCR register. When configured
as the output flag OF1, this pin will reflect the value of the OF1 bit in
the SAICR register, and the data in the OF1 bit will show up at the pin
synchronized to the frame sync in normal mode or the slot in network
mode. When configured as the input flag IF1, the data value at the pin
will be stored in the IF1 bit in the SAISR register, synchronized by the
frame sync in normal mode or the slot in network mode.
Port C 1—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com