Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-16
Freescale Semiconductor
112 Previous RD deassertion to data active
(write)4
1.25
× T
C − 4.0
[1
≤ WS ≤ 3]
——
6.4
—
ns
2.25
× T
C − 4.0
[4
≤ WS ≤ 7]
——
14.7
—
3.25
× T
C − 4.0
[WS
≥ 8]
——
23.1
—
113 RD deassertion time
100 MHz:
0.75
× T
C − 4.0
[1
≤ WS ≤ 3]
3.5
—
2.2
—
ns
1.75
× T
C − 4.0
[4
≤ WS ≤ 7]
13.5
—
10.6
—
2.75
× T
C − 4.0
[WS
≥ 8]
23.5
—
18.9
—
114 WR deassertion time
100 MHz:
0.5
× T
C − 4.0
[WS = 1]
1.0
—
0.2
—
ns
TC − 2.0
[2
≤ WS ≤ 3]
6.0
—
6.3
—
2.5
× T
C − 4.0
[4
≤ WS ≤ 7]
21.0
—
16.8
—
3.5
× T
C − 4.0
[WS
≥ 8]
31.0
—
25.2
—
115 Address valid to RD assertion
100 MHz:
0.5
× T
C − 4.0
1.0
—
0.2
—
ns
116 RD assertion pulse width
100 MHz:
(WS + 0.25)
× T
C −4.0
8.5
—
6.4
—
ns
117 RD deassertion to address not valid
100 MHz:
0.25
× T
C − 2.0
[1
≤ WS ≤ 3]
0.5
—
0.1
—
ns
1.25
× T
C − 2.0
[4
≤ WS ≤ 7]
10.5
—
8.4
—
2.25
× T
C − 2.0
[WS
≥ 8]
20.5
—
16.7
—
Table 3-8 SRAM Read and Write Accesses 100 and 120 MHz1 (continued)
No.
Characteristics
Symbol
Expression2
100 MHz
120 MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com