Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
Signal Groupings
DSP56362 Technical Data, Rev. 4
2-2
Freescale Semiconductor
Figure 2-1 Signals Identified by Functional Group
DSP56362
24
18
External
Address Bus
External
Data Bus
External
Bus
Control
Serial
Host
Interface
(SHI)
Timer 02
PLL
JTAG/OnC
E Port
Power Inputs:
PLL
External I/O
Internal Logic
Address Bus
Data Bus
Bus Control
HDI08
SHI/ESAI/DAX/Timer
A0–A17
D0–D23
AA0–AA3/
RAS0–RAS3
CAS
RD
WR
TA
BR
BG
BB
TCK
TDI
TDO
TMS
TRST
DE
CLKOUT
PCAP
PINIT/NMI
VCCP
VCCQH
VCCQL
VCCA
VCCD
VCCC
VCCH
VCCS
4
Digital Audio
Transmitter (DAX)2
4
2
2
Grounds:
PLL
PLL
Internal Logic
Address Bus
Data Bus
Bus Control
HDI08
SHI/ESAI/DAX/Timer
GNDP
GNDP1
GNDQ
GNDA
GNDD
GNDC
GNDH
GNDS
4
4
4
2
Interrupt/
Mode
Control
MODA/IRQA
MODB/IRQB
MODC/IRQC
MODD/IRQD
RESET
Host
Interface
(HDI08)
Port1
Non-Multiplexe
d Bus
H0–H7
HA0
HA1
HA2
HCS/HCS
Single DS
HRW
HDS/HDS
Single HR
HOREQ/HOREQ
HACK/HACK
ACI
ADO
TIO0
8
3
2
EXTAL
Clock and
Multiplexed
Bus
HAD0–HAD7
HAS/HAS
HA8
HA9
HA10
Double DS
HRD/HRD
HWR/HWR
Double HR
HTRQ/HTRQ
HRRQ/HRRQ
Port B
GPIO
PB0–PB7
PB8
PB9
PB10
PB13
PB11
PB12
PB14
PB15
Port D GPIO
PD0
PD1
Port C GPIO
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PC8
PC9
PC10
PC11
Timer GPIO
TIO0
Port A
4
Notes:
1.
The HDI08 port supports a nonmultiplexed or a multiplexed bus, single or double data strobe (DS), and single or
double host request (HR) configurations. Since each of these modes is configured independently, any
combination of these modes is possible. These HDI08 signals can also be configured alternately as GPIO
signals (PB0–PB15). Signals with dual designations (e.g., HAS/HAS) have configurable polarity.
2.
The ESAI signals are multiplexed with the port C GPIO signals (PC0–PC11). The DAX signals are multiplexed
with the Port D GPIO signals (PD0–PD1). The timer 0 signal can be configured alternately as the timer GPIO
signal (TIO0).
SPI Mode
MOSI
SS
MISO
SCK
HREQ
I2C Mode
HA0
HA2
SDA
SCL
HREQ
Enhanced
Serial
Audio
Interface
(ESAI)2
SCKR
FSR
HCKR
SCKT
FST
HCKT
SDO5/SDI0
SDO4/SDI1
SDO3/SDI2
SDO2/SDI3
SDO1
SDO0
3
AA0601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com