Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-39
209
CLKOUT high to RD deassertion
0.0
4.0
ns
210
CLKOUT high to WR assertion5
0.5
× T
C + 4.3
[WS = 1 or
WS
≥ 4]
6.3
9.3
ns
All frequencies:
[2
≤ WS ≤ 3]
1.3
4.3
211
CLKOUT high to WR deassertion
0.0
3.8
ns
1 External bus synchronous timings should be used only for reference to the clock and not for relative timings.
2 WS is the number of wait states specified in the BCR.
3 The asynchronous delays specified in the expressions are valid for DSP56362.
4 T198 and T199 are valid for Address Trace mode if the ATE bit in the OMR is set. Use the status of BR (See T212) to
determine whether the access referenced by A0–A23 is internal or external, when this mode is enabled
5 If WS > 1, WR assertion refers to the next rising edge of CLKOUT.
Table 3-17 External Bus Synchronous Timings (SRAM Access)1 (continued)
No.
Characteristics
Expression2
, 3
100 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com