Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 152 page
background image
Enhanced Serial Audio Interface
DSP56362 Technical Data, Rev. 4
2-18
Freescale Semiconductor
SDO4
SDI1
PC7
Output
Input
Input, Output, or
Disconnected
GPIO Disconnected Serial Data Output 4—When programmed as a transmitter, SDO4 is
used to transmit data from the TX4 serial transmit shift register.
Serial Data Input 1—When programmed as a receiver, SDI1 is used
to receive serial data into the RX1 serial receive shift register.
Port C 7—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
SDO3
SDI2
PC8
Output
Input
Input, Output, or
Disconnected
GPIO Disconnected Serial Data Output 3—When programmed as a transmitter, SDO3 is
used to transmit data from the TX3 serial transmit shift register.
Serial Data Input 2—When programmed as a receiver, SDI2 is used
to receive serial data into the RX2 serial receive shift register.
Port C 8—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
SDO2
SDI3
PC9
Output
Input
Input, Output, or
Disconnected
GPIO Disconnected Serial Data Output 2—When programmed as a transmitter, SDO2 is
used to transmit data from the TX2 serial transmit shift register.
Serial Data Input 3—When programmed as a receiver, SDI3 is used
to receive serial data into the RX3 serial receive shift register.
Port C 9—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
SDO1
PC10
Output
Input, Output, or
Disconnected
GPIO Disconnected Serial Data Output 1—SDO1 is used to transmit data from the TX1
serial transmit shift register.
Port C 10—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
SDO0
PC11
Output
Input, Output, or
Disconnected
GPIO Disconnected Serial Data Output 0—SDO0 is used to transmit data from the TX0
serial transmit shift register.
Port C 11—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Table 2-11 Enhanced Serial Audio Interface Signals (continued)
Signal
Name
Signal Type
State during Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com